Electronic Components Datasheet Search
  English  ▼

X  

ADS9811 Datasheet (PDF) - Texas Instruments

ADS9811 Datasheet PDF - Texas Instruments
Part # ADS9811
Download  ADS9811 Download
File Size   2490.02 Kbytes
Page   66 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End

ADS9811 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9811 Datasheet PDF - Texas Instruments

Part # ADS9811
Download  ADS9811 Click to download

File Size   2490.02 Kbytes
Page   66 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End

ADS9811 Datasheet (HTML) - Texas Instruments


ADS9811 Product details

1 Features
• 8-channel, 18-bit ADC with analog front-end:
– Simultaneous sampling
– Constant 1MΩ input impedance front-end
• Programmable analog input ranges:
– ±12V, ±10V, ±7V, ±5V, ±3.5V, and ±2.5V
– Single-ended and differential inputs
– Common-mode voltage range: ±12V
– Input overvoltage protection: Up to ±18V
• User-selectable analog input bandwidth:
– 22.7kHz and 700kHz
• Integrated low-drift precision references:
– ADC reference: 4.096V
– 2.5V reference output for external circuits
• Excellent AC and DC performance at fullthroughput:
– DNL: ±0.35LSB, INL: ±0.8LSB
– SNR: 90.3dBFS, THD: –113dB
• Power supply:
– Analog and digital: 5V and 1.8V
– Digital interface: 1.2V to 1.8V
• Temperature range: –40°C to +125°C

2 Applications
• Semiconductor test
• Programmable DC power supplies
• Parametric measurement units (PMU)

3 Description
The ADS9813 is an eight-channel data acquisition
(DAQ) system based on a simultaneous sampling, 18-
bit successive approximation register (SAR) analogto-
digital converter (ADC). The ADS9813 features a
complete analog front-end (AFE) for each channel
with an input clamp. The device also features a 1MΩ
input impedance and a programmable gain amplifier
(PGA) with user-selectable bandwidth options. The
high input impedance allows direct connection with
sensors and transformers, thus eliminating the need
for external driver circuits. Configure the ADS9813
to accept ±12V, ±10V, ±7V, ±5V, ±3.5V, and ±2.5V
bipolar inputs with up to ±12V input common-mode
voltage.
A digital interface supporting 1.2V to 1.8V operation
enables the ADS9813 to be used without external
voltage level translators.




Similar Part No. - ADS9811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9811 TI1-ADS9811 Datasheet
2Mb / 57P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
APRIL 2024
ADS9811 TI1-ADS9811 Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
ADS9811 TI1-ADS9811 Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
ADS9811RSHR TI1-ADS9811RSHR Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
ADS9811RSHR TI1-ADS9811RSHR Datasheet
2Mb / 66P
ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
NOVEMBER 2024
More results


Similar Description - ADS9811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Analog Devices
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
logo
Texas Instruments
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
logo
Maxim Integrated Produc...
REFD5827 MAXIM-REFD5827 Datasheet
660Kb / 10P
Petaluma (MAXREFDES30#): 8-Channel Simultaneous- Sampling Analog Front End
Apr 28, 2014
logo
Texas Instruments
ADS9817 TI-ADS9817 Datasheet
1Mb / 53P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED JANUARY 2023
ADS9817 TI1-ADS9817_V01 Datasheet
1Mb / 57P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
JANUARY 2023
ADS9817 TI1-ADS9817_V02 Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com