Electronic Components Datasheet Search
  English  ▼

X  

1861248 Datasheet (PDF) - PHOENIX CONTACT

1861248 Datasheet PDF - PHOENIX CONTACT
Part # 1861248
Download  1861248 Download
File Size   328.98 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 4/11-G-7,62-FS4,8 - Feed-through header

1861248 Datasheet (PDF)

Go To PDF Page Download Datasheet
1861248 Datasheet PDF - PHOENIX CONTACT

Part # 1861248
Download  1861248 Click to download

File Size   328.98 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 4/11-G-7,62-FS4,8 - Feed-through header

1861248 Datasheet (HTML) - PHOENIX CONTACT


1861248 Product details

Feed-through header, nominal cross section: 4 mm2, color: green, nominal current: 15 A, rated
voltage (III/2): 400 V, contact surface: Sn, contact connection type: Pin, number of potentials: 11,
number of rows: 1, number of positions: 11, number of connections: 11, product range: DFK-PC
4/..-G -FS4,8, pitch: 7.62 mm, connection method: Spade connection, mounting: Direct
mounting, number of solder pins per potential: 1, plug-in system: COMBICON PC 4, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Space-saving, standardized slip-on connection allows worldwide use
• Cable connection on the inside of the device enables flexible positioning of the panel feed-through




Similar Part No. - 1861248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861247 PHOENIX-1861247 Datasheet
324Kb / 13P
FKCOR 2,5/ 3-ST-5,08
More results


Similar Description - 1861248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861167 PHOENIX-1861167 Datasheet
98Kb / 6P
Base strip - DFK-PC 4/ 3-G-7,62-FS4,8
1861170 PHOENIX-1861170 Datasheet
97Kb / 6P
Base strip - DFK-PC 4/ 4-G-7,62-FS4,8
1861183 PHOENIX-1861183 Datasheet
65Kb / 3P
Base strip - DFK-PC 4/ 5-G-7,62-FS4,8
1861196 PHOENIX-1861196 Datasheet
94Kb / 5P
Base strip - DFK-PC 4/ 6-G-7,62-FS4,8
1861206 PHOENIX-1861206 Datasheet
65Kb / 3P
Base strip - DFK-PC 4/ 7-G-7,62-FS4,8
1861219 PHOENIX-1861219 Datasheet
95Kb / 6P
Base strip - DFK-PC 4/ 8-G-7,62-FS4,8
1861235 PHOENIX-1861235 Datasheet
65Kb / 3P
Base strip - DFK-PC 4/10-G-7,62-FS4,8
1840609 PHOENIX-1840609 Datasheet
168Kb / 10P
Feed-through header - DFK-PC 4/ 7-GF-7,62
1835915 PHOENIX-1835915 Datasheet
91Kb / 3P
Feed-through header - PC 4/ 3-G-7,62 GY
11/04/2018
1861222 PHOENIX-1861222 Datasheet
620Kb / 18P
DFK-PC 4/ 9-G-7,62-FS4,8 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com