Electronic Components Datasheet Search
  English  ▼

X  

1047426 Datasheet (PDF) - PHOENIX CONTACT

1047426 Datasheet PDF - PHOENIX CONTACT
Part # 1047426
Download  1047426 Download
File Size   252.44 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/18X1,5 VT - Distribution block

1047426 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047426 Datasheet PDF - PHOENIX CONTACT

Part # 1047426
Download  1047426 Click to download

File Size   252.44 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/18X1,5 VT - Distribution block

1047426 Datasheet (HTML) - PHOENIX CONTACT


1047426 Product details

Distribution block, Basic terminal block with supply, nom. voltage: 450 V, nominal current: 17.5
A, number of connections: 19, Load contact, cross section: 0.14 mm2 - 2.5 mm2, Push-in
connection, Line contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting
type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color:
violet




Similar Part No. - 1047426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047420 PHOENIX-1047420 Datasheet
502Kb / 22P
Distribution block - PTFIX 4/18X1,5 RD
Jun 10, 2022
1047421 PHOENIX-1047421 Datasheet
501Kb / 22P
Distribution block - PTFIX 4/18X1,5 BN
Jun 15, 2022
1047422 PHOENIX-1047422 Datasheet
502Kb / 22P
Distribution block - PTFIX 4/18X1,5 GN
Jul 6, 2022
logo
SICK AG
1047423 SICK-1047423 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
logo
PHOENIX CONTACT
1047423 PHOENIX-1047423 Datasheet
505Kb / 22P
Distribution block - PTFIX 4/18X1,5 YE
Jun 24, 2022
More results


Similar Description - 1047426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047425 PHOENIX-1047425 Datasheet
499Kb / 21P
Distribution block - PTFIX 4/18X1,5 WH
Jun 3, 2022
1047424 PHOENIX-1047424 Datasheet
501Kb / 22P
Distribution block - PTFIX 4/18X1,5 BK
Jun 22, 2022
3002786 PHOENIX-3002786 Datasheet
500Kb / 21P
Distribution block - PTFIX 18X1,5 VT
Jun 24, 2022
1047427 PHOENIX-1047427 Datasheet
504Kb / 22P
Distribution block - PTFIX 4/18X1,5 OG
Jun 24, 2022
1047462 PHOENIX-1047462 Datasheet
437Kb / 19P
Distribution block - PTFIX 4/18X1,5-NS35 VT
Jul 21, 2022
3002899 PHOENIX-3002899 Datasheet
440Kb / 18P
Distribution block - PTFIX 18X1,5-G VT
Jul 21, 2022
1046957 PHOENIX-1046957 Datasheet
437Kb / 19P
Distribution block - PTFIX 18X1,5-NS35 VT
Nov 30, 2022
1047428 PHOENIX-1047428 Datasheet
501Kb / 21P
Distribution block - PTFIX 4/18X1,5 PK
Nov 30, 2022
1047438 PHOENIX-1047438 Datasheet
438Kb / 19P
Distribution block - PTFIX 4/18X1,5-G VT
Nov 30, 2022
3002975 PHOENIX-3002975 Datasheet
443Kb / 19P
Distribution block - PTFIX 18X1,5-NS15A VT
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com