Electronic Components Datasheet Search
  English  ▼

X  

1628508 Datasheet (PDF) - PHOENIX CONTACT

1628508 Datasheet PDF - PHOENIX CONTACT
Part # 1628508
Download  1628508 Download
File Size   430.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-6ES1N8AA600S - Device connector front mounting

1628508 Datasheet (PDF)

Go To PDF Page Download Datasheet
1628508 Datasheet PDF - PHOENIX CONTACT

Part # 1628508
Download  1628508 Click to download

File Size   430.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-6ES1N8AA600S - Device connector front mounting

1628508 Datasheet (HTML) - PHOENIX CONTACT


1628508 Product details

M17, Device connector front mounting, series: M17 PRO, angled rotatable, shielded: yes, for
standard and ONECLICK fast locking system, No. of pos.: 6+PE, contact connection type:
Socket, Crimp connection, flange dimensions: 28 mm x 28 mm, coding: N, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Crimping connection: vibration- and temperature-resistant assembly
• All housing can be fitted with pin or socket contacts
• Safe use in the field, thanks to high degree of protection




Similar Part No. - 1628508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628500 PHOENIX-1628500 Datasheet
1Mb / 14P
M17-8ES1N8AA600S - Device connector front mounting
logo
Weidmuller
1628500000 WEIDMULLER-1628500000 Datasheet
92Kb / 3P
SL 7.50/5/90B3.2SN OR
1628500000 WEIDMULLER-1628500000 Datasheet
92Kb / 3P
SL 7.50/8/90B3.2SN OR
1628500000 WEIDMULLER-1628500000 Datasheet
92Kb / 3P
SL 7.50/9/90B3.2SN OR
1628500000 WEIDMULLER-1628500000 Datasheet
92Kb / 3P
SL 7.50/10/90B3.2SN OR
More results


Similar Description - 1628508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621567 PHOENIX-1621567 Datasheet
387Kb / 9P
Device connector, front mounting - SH-8ESC58AWA00S
02/04/2022
1621569 PHOENIX-1621569 Datasheet
396Kb / 9P
Device connector, front mounting - SH-8EPC58AWA00S
02/04/2022
1596900 PHOENIX-1596900 Datasheet
72Kb / 3P
Device connector, front mounting - RC-12P1N122200
12/06/2018
1598132 PHOENIX-1598132 Datasheet
62Kb / 3P
Device connector, front mounting - RC-12P2N12WB00
12/06/2018
1607821 PHOENIX-1607821 Datasheet
135Kb / 8P
Device connector, front mounting - RF-12P2S8AW400
09/11/2020
1069502 PHOENIX-1069502 Datasheet
1Mb / 12P
M17-3EP1N8AW500S/1,5 - Device connector front mounting
1628500 PHOENIX-1628500 Datasheet
1Mb / 14P
M17-8ES1N8AA600S - Device connector front mounting
1628502 PHOENIX-1628502 Datasheet
1Mb / 14P
M17-8ES1N8AA500S - Device connector front mounting
1628924 PHOENIX-1628924 Datasheet
1Mb / 12P
M17-3EP1N8AW500S - Device connector front mounting
1628927 PHOENIX-1628927 Datasheet
1Mb / 13P
M17-17S1N8AW500S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com