Electronic Components Datasheet Search
  English  ▼

X  

1244429 Datasheet (PDF) - PHOENIX CONTACT

1244429 Datasheet PDF - PHOENIX CONTACT
Part # 1244429
Download  1244429 Download
File Size   380.03 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPC58A8LB1SX - Cable connector

1244429 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244429 Datasheet PDF - PHOENIX CONTACT

Part # 1244429
Download  1244429 Click to download

File Size   380.03 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPC58A8LB1SX - Cable connector

1244429 Datasheet (HTML) - PHOENIX CONTACT


1244429 Product details

M23, Cable connector, series: SH, straight long, shielded: yes, SPEEDCON, No. of pos.:
4+4+4+PE / 3+N+PE, Direction of rotation: Standard, contact connection type: Pin, Crimp
connection, cable diameter range: 15 mm ... 18 mm, coding: N, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Reduced connection time with optional SPEEDCON fast locking system
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1244429

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244420 PHOENIX-1244420 Datasheet
352Kb / 8P
SH-8ESS48A8LDLSX - Cable connector
1244421 PHOENIX-1244421 Datasheet
559Kb / 14P
SH-8ESS48A8LB4SX - Cable connector
1244422 PHOENIX-1244422 Datasheet
564Kb / 14P
SH-8ESS48A8LB3SX - Cable connector
1244423 PHOENIX-1244423 Datasheet
352Kb / 8P
SH-8ESS48A8LB2SX - Cable connector
1244424 PHOENIX-1244424 Datasheet
561Kb / 14P
SH-8ESS48A8LB1SX - Cable connector
More results


Similar Description - 1244429

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
Cable connector - SH-8ESC58A8LDLS
02/04/2022
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621538 PHOENIX-1621538 Datasheet
605Kb / 15P
SH-8EPS48A8LB1S - Cable connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com