Electronic Components Datasheet Search
  English  ▼

X  

PN7642EV/C100 Datasheet (PDF) - NXP Semiconductors

PN7642EV/C100 Datasheet PDF - NXP Semiconductors
Part # PN7642EV/C100
Download  PN7642EV/C100 Download
File Size   3030.84 Kbytes
Page   343 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip solution with high-performance NFC reader, customizable MCU, and security toolbox

PN7642EV/C100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN7642EV/C100 Datasheet PDF - NXP Semiconductors

Part # PN7642EV/C100
Download  PN7642EV/C100 Click to download

File Size   3030.84 Kbytes
Page   343 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip solution with high-performance NFC reader, customizable MCU, and security toolbox

PN7642EV/C100 Datasheet (HTML) - NXP Semiconductors


PN7642EV/C100 Product details

2 Features and benefits
Arm Cortex-M33 microcontroller
• Running at a frequency of up to 90 MHz
• Arm Cortex M33 built-in nested vectored interrupt controller (NVIC)
• Non-maskable interrupt (NMI) input with a selection of sources
• Serial wire debug with breakpoints and watch points. Includes serial wire output for enhanced debug
capabilities.
• System tick timer
• up to 21 GPIOs (6 dedicated GPIOs)
• On-chip memory
– 256 kB flash memory (180 kB available to the user)
– 32 kB RAM (20 kB available to the user)
• Security
– Symmetric crypto accelerator
– Asymmetric crypto accelerator
– Secure key storage for symmetric keys
– Refer to Section 9.12.3 for information about how to replace the factory default keys with custom keys
– Secure boot support
– Key transfer unit to transfer symmetric keys between key store and crypto engine, without involvement of
the CPU
• Serial interfaces
– I2C controller 1
– SPI controller
– USB 2.0 Full-speed device controller
– I2C target up to 3.4 Mbit/s (High-speed mode)
– I3C target
– SPI target up to 15 Mbit/s
– UART
– CT auxiliary interface
– Host interface supply voltage of 1.8 V and 3.3 V is supported for maximum interoperability with existing
micro-controllers
NFC functionality
• The following 13.56 MHz reader/writer modes (PCD) are supported
– ISO14443-3/4 A/B
– ISO15693 / ISO18000-3 mode 1
– FeliCa
– ISO18000-3 mode 3
• The following 13.56 MHz card modes (PICC) are supported
– ISO14443-3/4A
• Supports ECP 2.0 (ref. List item)
• All relevant 13.56 MHz reader/writer modes (PCD) are supported
• High data rates for communication with NTAG 5 (based on ISO/IEC15693) up to 212 kbit/s
• Fast hardware and firmware-based EMD error handling without application FW interaction
Transmitter
• 2.0 W transmitter output power
• Dynamic power control (DPC 2.0) works with true current measurement
• DPC 2.0 regulates the transmitter current with lowest latency and without any application FW interaction
• Fine granularity of DPC 2.0 transmitter output voltage settings, step-width is 100 mV
• Adaptive waveform control (AWC) reduces the effort to achieve the standard compliance for various data
rates and protocols
Receiver
• Innovative receiver signal processing implemented for advanced robustness against external noise sources
(e.g. TFT display and external DC-DC noise)
• True automatic gain control (AGC) and internal voltage divider adjust signal levels automatically for optimized
signal to noise ratio
• 10-bit ADC - together with the innovative signal processing delivers high receiver sensitivity and wide
communication range
• Receiver signal strength indicator (RSSI) allows configuring receiver settings automatically dependent on the
actual antenna signal reception condition.
Power-saving support
• Comprehensive power-saving configurations allow for minimizing the power consumption including standby,
OFF mode and hard power down (HPD) mode.
• Software-based low-power card detection (LPCD) for highest detection sensitivity
• Hardware-based ultra low-power card detection (ULPCD) for lowest current consumption
Special features
• Integrated low noise DC-DC allows supplying the transmitter with up to 6.0 V while the system supply is 3.3 V
(e.g. battery supply).
• Internal temperature sensor protects against overheating, warning levels are configurable, emergency
shutdown at temperature level which might impact product lifetime.
• Overcurrent protection (configurable) protects the chip in case of short on the transmitter outputs
• Two DAC outputs allow the connection of variable capacitors for automatic antenna tuning
• Firmware upgrade is possible "in the field"
• Operating ambient temperature range -40 °C to +85 °C with full RF output power
• Operating ambient temperature from +85 °C to +105 °C is possible with reduced RF output power
2.1 RF functionality
• As a highly integrated high performance full NFC Forum-compliant frontend IC for contactless communication
at 13.56 MHz, this NFC frontend IC utilizes an outstanding modulation and demodulation concept completely
integrated for relevant 13.56 MHz based contactless communication methods and protocols.
PN7642 supports communication with all products of the MIFARE product-based card family including
MIFARE Ultralight, MIFARE Classic 1K/4K, MIFARE DESFire EV1/EV2 and MIFARE Plus cards CRYPTO
implemented in hardware for R/W of all NXP MIFARE product-based cards (includes intellectual-property
licensing rights for NXP ISO/IEC 14443-A, Innovatron ISO/IEC 14443-B, and NXP MIFARE products).
The PN7642 frontend IC supports the following RF operating modes:
2.1.1 ISO/IEC14443-A
• Reader/writer mode supporting ISO/IEC 14443-A R/W up to 848 kbit/s
2.1.2 ISO/IEC14443-B
• Reader/writer mode supporting ISO/IEC 14443-B up to 848 kBit/s
2.1.3 FeliCa
• Reader/writer mode supporting FeliCa 212 kBit/s and 424 kBit/s (without crypto)
2.1.4 Tag type reading
• Supports reading of all NFC tag types (type 1, type 2, type 3, type 4A and type 4B, type 5)
2.1.5 MIFARE card reading
• Reader/writer communication mode for the MIFARE card family including MIFARE Classic
2.1.6 ISO/IEC 15693
• Reader/writer mode supporting ISO/IEC 15693 (ICODE)
• Proprietary data rates based on ISO/IEC15693 with 106 kbit and 212 kbit/s (for NXP NTAG 5 communication)
2.1.7 ISO/IEC 18000-3 Mode 3
• Reader/writer mode supporting ISO/IEC 18000-3 Mode 3
2.1.8 Card emulation
• ISO/IEC4443-A card mode from 106 Kbit/s up to 848 Kbit/s (PICC) with active load modulation for increased communication range.

3 Applications
• Physical access
• eGov
• Closed loop payment
• Secure authentication
• Enhanced Contactless Polling (ECP)




Similar Part No. - PN7642EV/C100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7642EV/C100 NXP-PN7642EV/C100 Datasheet
2Mb / 329P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.1 - 28 June 2023
PN7642EV/C100 NXP-PN7642EV/C100 Datasheet
2Mb / 335P
Single-chip solution with high-performance NFC reader, customizable MCU, and security toolbox
Rev. 3.2 - 6 May 2024
PN7642EV/C100 NXP-PN7642EV/C100 Datasheet
2Mb / 341P
Single-chip solution with high-performance NFC reader, customizable MCU, and security toolbox
Rev. 3.4 - 24 October 2024
More results


Similar Description - PN7642EV/C100

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07720-VL1A OMNIVISION-OV07720-VL1A Datasheet
142Kb / 2P
high-performance, all-digital security camera solution
OV7710 OMNIVISION-OV7710 Datasheet
187Kb / 2P
high-performance, all-digital security camera solution
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
A hybrid networking solution built for performance and security
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
STMicroelectronics
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
21-Nov-2016
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3916 STMICROELECTRONICS-ST25R3916 Datasheet
2Mb / 157P
High performance NFC universal device and EMVCo™ reader
06-Aug-2021
logo
NXP Semiconductors
PN7642 NXP-PN7642 Datasheet
2Mb / 258P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.0 - 14 March 2023
PN7642 NXP-PN7642_V01 Datasheet
2Mb / 329P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.1 - 28 June 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com