Electronic Components Datasheet Search
  English  ▼

X  

681000 Datasheet (PDF) - SYC Electronica

681000 Datasheet PDF - SYC Electronica
Part # 681000
Download  681000 Download
File Size   159.42 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 128K x8 bit Low Power CMOS Static RAM

681000 Datasheet (PDF)

Go To PDF Page Download Datasheet
681000 Datasheet PDF - SYC Electronica

Part # 681000
Download  681000 Click to download

File Size   159.42 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 128K x8 bit Low Power CMOS Static RAM

681000 Datasheet (HTML) - SYC Electronica


681000 Product details

FEATURES
¡Ü Process Technology : 0.6§­ CMOS
¡Ü Organization : 128Kx8
¡Ü Power Supply Voltage : Single 5.0V ¡¾ 10%
¡Ü Low Data Retention Voltage : 2V(Min)
¡Ü Three state output and TTL Compatible
¡Ü Package Type : JEDEC Standard
32-DIP, 32-SOP, 32-TSOP I R/F

The KM681000B family is fabricated by SAMSUNG's advanced
CMOS process technology. The family can support various
operating temperature ranges and have various package types
for user flexibility of system design. The family also support low
data retention voltage for battery back-up operation with low
data retention current.
GENERAL DESCRIPTION




Similar Part No. - 681000

ManufacturerPart #DatasheetDescription
logo
Lapp.
68100050 LAPP-68100050 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
68100055 LAPP-68100055 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
68100060 LAPP-68100060 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
68100065 LAPP-68100065 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
68100070 LAPP-68100070 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
More results


Similar Description - 681000

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
128K x8 bit Low Power and Low Voltage CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
512K x8 bit Low Power Full CMOS Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com