Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04-Q1 Datasheet (PDF) - Texas Instruments

SN74ACT04-Q1 Datasheet PDF - Texas Instruments
Part # SN74ACT04-Q1
Download  SN74ACT04-Q1 Download
File Size   920.46 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs

SN74ACT04-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT04-Q1 Datasheet PDF - Texas Instruments

Part # SN74ACT04-Q1
Download  SN74ACT04-Q1 Click to download

File Size   920.46 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs

SN74ACT04-Q1 Datasheet (HTML) - Texas Instruments


SN74ACT04-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 5.9ns max

2 Applications
• Drive an indicator LED
• Synchronize inverted clock inputs
• Invert a digital signal

3 Description
The SN74ACT04-Q1 device contains six independent
inverters with TTL-compatible inputs.




Similar Part No. - SN74ACT04-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT04-Q1 TI-SN74ACT04-Q1 Datasheet
1Mb / 34P
SNx4ACT04 Hex Inverters
NOVEMBER 2024
SN74ACT04-Q1 TI1-SN74ACT04-Q1 Datasheet
2Mb / 38P
SNx4ACT04 Hex Inverters
NOVEMBER 2024
SN74ACT04-Q1 TI1-SN74ACT04-Q1 Datasheet
1Mb / 27P
SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs
NOVEMBER 2024
SN74ACT04-Q1 TI2-SN74ACT04-Q1 Datasheet
878Kb / 12P
HEX INVERTER
OCTOBER 2004
SN74ACT04-Q1 TI1-SN74ACT04-Q1_V01 Datasheet
1Mb / 27P
SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs
NOVEMBER 2024
More results


Similar Description - SN74ACT04-Q1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 1
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
74AHC14 DIODES-74AHC14 Datasheet
263Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
Automotive Hex Inverters with Schmitt-Trigger Inputs
SN74LV6T06-Q1 TI1-SN74LV6T06-Q1 Datasheet
860Kb / 18P
SN74LV6T06-Q1 Automotive Hex Open-Drain Inverters with Integrated Translation
AUGUST 2023
SN74AHCT165-Q1 TI1-SN74AHCT165-Q1 Datasheet
1Mb / 29P
SN74AHCT165-Q1 Automotive 8-Bit Parallel-Load Shift Register with TTL-Compatible Inputs
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com