Electronic Components Datasheet Search
  English  ▼

X  

RK408MS1B22FM10M Datasheet (PDF) - Rakon Limited

RK408MS1B22FM10M Datasheet PDF - Rakon Limited
Part # RK408MS1B22FM10M
Download  RK408MS1B22FM10M Download
File Size   447.98 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS

RK408MS1B22FM10M Datasheet (PDF)

Go To PDF Page Download Datasheet
RK408MS1B22FM10M Datasheet PDF - Rakon Limited

Part # RK408MS1B22FM10M
Download  RK408MS1B22FM10M Click to download

File Size   447.98 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS

RK408MS1B22FM10M Datasheet (HTML) - Rakon Limited


RK408MS1B22FM10M Product details

Features
 Frequency: 10 to 125 MHz
 Short lead time for 10, 20, 40, 50, 80, 100 and 120 MHz frequencies
 FvT: ±20 ppb under vacuum
 Low phase noise
 Steady-state consumption: ≤2 W under vacuum ≤3 W under atmospheric pressure
 Warm-up consumption: ≤5 W
 Supply voltage: +12 V
 Ageing ±300 ppb max over 18 years at 10 MHz
 Output waveform: sine 50 Ω
 Output level: 10 to 12 dBm
 Component selected as per ECSS-Q-ST-70-08C and ECSS-Q-ST-70-38C
 Materials selected as per ECSS-Q-ST-70

Applications
 SAR systems
 GNSS receivers
 Navigation
 Low noise synthesizers
 Frequency generator unit (FGU)




Similar Part No. - RK408MS1B22FM10M

ManufacturerPart #DatasheetDescription
logo
TEMEX
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
RK408MS1A11FM TEMEX-RK408MS1A11FM Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
More results


Similar Description - RK408MS1B22FM10M

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
OCXO High stability, Sinewave Output
2005-07-15
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
logo
Micross Components
HSSC0201-10NF MICROSS-HSSC0201-10NF Datasheet
231Kb / 1P
High Stability & Reliability Capacitor
HSSC0402-100NF MICROSS-HSSC0402-100NF Datasheet
231Kb / 1P
High Stability & Reliability Capacitor
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
High reliability and stability.
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
High Stability, Reliability
logo
TEMEX
HSO13 TEMEX-HSO13 Datasheet
514Kb / 4P
10-13 Short-term stability class OCXO
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
High reliability and stability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com