Electronic Components Datasheet Search
  English  ▼

X  

TXS0108E Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TXS0108E Datasheet PDF - Texas Instruments
Part # TXS0108E
Download  TXS0108E Download
File Size   2607.71 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TXS0108E 8-Bit Bi-Directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications

TXS0108E Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0108E Datasheet PDF - Texas Instruments

Part # TXS0108E
Download  TXS0108E Click to download

File Size   2607.71 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TXS0108E 8-Bit Bi-Directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications

TXS0108E Datasheet (HTML) - Texas Instruments


TXS0108E Product details

1 Features
• No direction-control signal needed
• Maximum data rates:
– 110Mbps (push pull)
– 1.2Mbps (open drain)
• 1.4V to 3.6V on A port and 1.65V to 5.5V on B port
(VCCA ≤ VCCB)
• No power-supply sequencing required – either
VCCA or VCCB can be ramped first
• Latch-up performance exceeds 100mA per
JESD 78, class II
• ESD protection exceeds JESD 22 (A port):
– 2000 V Human Body Model (A114-B)
– 150 V Machine Model (A115-A)
– 1000 V Charged-Device Model (C101)
• IEC 61000-4-2 ESD (B-port):
– ± 8kV Contact Discharge
– ± 6kV Air Discharge

2 Applications
• Handsets
• Smartphones
• Tablets
• Desktop PCs

3 Description
This device is an 8-bit non-inverting level translator
which uses two separate configurable power-supply
rails. The A port tracks the VCCA pin supply voltage.
The VCCA pin accepts any supply voltage between
1.4V and 3.6V. The B port tracks the VCCB pin
supply voltage. The VCCB pin accepts any supply
voltage between 1.65V and 5.5V. Two input supply
pins allows for low Voltage bidirectional translation
between any of the 1.5V, 1.8V, 2.5V, 3.3V, and 5V
voltage nodes.
When the output-enable (OE) input is low, all outputs
are placed in the high-impedance (Hi-Z) state.
To put the device in the Hi-Z state during power-up
or power-down periods, tie OE to GND through a pulldown
resistor. The current-sourcing capability of the
driver determines the minimum value of the resistor.




Similar Part No. - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
764Kb / 23P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
677Kb / 23P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI1-TXS0108E Datasheet
1Mb / 28P
8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E Datasheet
2Mb / 36P
TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results


Similar Description - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E_101 TI-TXS0108E_101 Datasheet
677Kb / 23P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Diodes Incorporated
PI4ULS5V108 DIODES-PI4ULS5V108 Datasheet
1Mb / 12P
8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2018
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com