Electronic Components Datasheet Search
  English  ▼

X  

TPSM82914 Datasheet (PDF) - Texas Instruments

TPSM82914 Datasheet PDF - Texas Instruments
Part # TPSM82914
Download  TPSM82914 Download
File Size   1641.79 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM8291x 3V to 17V, 4.5A/6A, Low Noise and Low Ripple Buck Module With Integrated Ferrite Bead Filter Compensation

TPSM82914 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM82914 Datasheet PDF - Texas Instruments

Part # TPSM82914
Download  TPSM82914 Click to download

File Size   1641.79 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM8291x 3V to 17V, 4.5A/6A, Low Noise and Low Ripple Buck Module With Integrated Ferrite Bead Filter Compensation

TPSM82914 Datasheet (HTML) - Texas Instruments


TPSM82914 Product details

1 Features
• Low output 1/f noise < 20μVRMS (100Hz to
100kHz)
• Low output voltage ripple < 10μVRMS after ferrite
bead
• High PSRR of > 65dB (up to 100kHz)
• 2.2MHz, 1.4MHz, or 1.0MHz fixed frequency peak
current mode control
• Synchronizable with external clock (optional)
• Integrated loop compensation supports ferrite
bead for second stage L-C filter with 30dB
attenuation (optional)
• Spread spectrum modulation (optional)
• 3.0V to 17V input voltage range
• 0.8V to 5.5V output voltage range
• 25mΩ/7mΩ RDSon
• Output voltage accuracy of ±1% over temperature
• Precise enable input allows
– User-defined undervoltage lockout
– Exact sequencing
• Adjustable soft start
• Power-good output
• Output discharge (optional)
• –40°C to 125°C junction temperature range
• 4.0mm × 4.7mm × 3.0mm QFN
• Create a custom design using the TPSM8291x
with the WEBENCH® Power Designer

2 Applications
• Telecom infrastructure
• Test and measurement
• Aerospace and defense (radar, avionics)
• Medical

3 Description
The TPSM8291x devices are a family of highefficiency,
low noise, and low ripple current mode
synchronous buck modules. The devices are
designed for noise sensitive applications that normally
use an LDO for post regulation such as high-speed
ADCs, clock and jitter cleaner, serializer, de-serializer,
and radar applications.
To reduce the output voltage ripple, the device
loop compensation is designed to operate with an
optional second-stage ferrite bead L-C filter. Lowfrequency
noise levels, similar to a low-noise LDO,
are further achieved by filtering the internal voltage
reference with a capacitor connected to the NR/SS
pin. Combined, these features allow for an output
voltage ripple below 10μVRMS.
The device operates at a fixed switching frequency of
2.2MHz, 1.4MHz, or 1MHz, and can be synchronized
to an external clock. An optional spread spectrum
modulation scheme spreads the DC/DC switching
frequency over a wider span, which lowers the mixing
spurs.




Similar Part No. - TPSM82914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82914 TI-TPSM82914 Datasheet
1Mb / 30P
TPSM8291x 3V to 17V, 4.5A/6A, Low Noise and Low Ripple Buck Module With Integrated Ferrite Bead Filter Compensation
OCTOBER 2024
More results


Similar Description - TPSM82914

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1309 AMS-AMS1309 Datasheet
2Mb / 11P
Low ripple and low noise
logo
PEAK electronics GmbH
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
logo
Texas Instruments
TPS62912 TI-TPS62912 Datasheet
3Mb / 36P
TPS6291x 3-V to 17-V, 2-A/3-A Low Noise and Low Ripple Buck Converter with Integrated Ferrite Bead Filter Compensation
TPSM82913 TI-TPSM82913 Datasheet
4Mb / 33P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82913 TI-TPSM82913_V01 Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82913 TI-TPSM82913_V02 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED MAY 2023
TPSM82912 TI1-TPSM82912 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED JULY 2023
TPS62916 TI1-TPS62916 Datasheet
1Mb / 33P
TPS6291x 3-V to 17-V, 4.5-A/6-A/8-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
NOVEMBER 2023
TPS62914 TI1-TPS62914 Datasheet
1Mb / 34P
TPS6291x 3-V to 17-V, 4.5-A/6-A/8-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2023
TPS62916E TI1-TPS62916E Datasheet
2Mb / 36P
TPS62916E 3-V to 17-V, 6-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com