Electronic Components Datasheet Search
  English  ▼

X  

LM68640-Q1 Datasheet (PDF) - Texas Instruments

LM68640-Q1 Datasheet PDF - Texas Instruments
Part # LM68640-Q1
Download  LM68640-Q1 Download
File Size   702.86 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM686x0-Q1 70V, 8A/6A/4A, Automotive Buck Converters Optimized for Safety-Relevant Applications

LM68640-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM68640-Q1 Datasheet PDF - Texas Instruments

Part # LM68640-Q1
Download  LM68640-Q1 Click to download

File Size   702.86 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM686x0-Q1 70V, 8A/6A/4A, Automotive Buck Converters Optimized for Safety-Relevant Applications

LM68640-Q1 Datasheet (HTML) - Texas Instruments


LM68640-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design planned
– Systematic capability up to ASIL D
– Hardware capability up to ASIL C
– Analog built-in-self-test at start-up
– Redundant and fast (0.35μs) VOUT monitor
– Excellent pin FMEA and pin spacing
• Wide input voltage range: 3V to 70V
• 1% accurate, VOUT from 0.8V to 60V
• Optimized for low EMI requirements
– Facilitates CISPR 25 Class 5 compliance
– Pin-configurable dual-random spread spectrum
and slew-rate control reduce peak emissions
– Enhanced HotRod™ QFN package with
symmetrical pinout
– Switching frequency from 300kHz to 2.2MHz
– Pin-configurable AUTO or FPWM operation
• Low minimum on time: 36ns (typical)
– Enables 36V to 3.3V conversion at 2.1MHz
• High-efficiency power conversion
– > 95% peak efficiency, 12VIN to 5VOUT, 400kHz
– No-load input current: 3.5μA
• High power density
– Internal compensation, OCP, and TSD
– 4.5mm × 4.5mm eQFN-26 with wettable flanks
– ΘJA = 18°C/W (EVM)
• VIN to PGND pin clearance: 1.1mm

2 Applications
• Advanced Driver Assistance Systems (ADAS)
• Automotive infotainment and cluster
• Hybrid, electric, and powertrain systems

3 Description
The LM686x0-Q1 are a family of stackable,
automotive buck converters designed for high
efficiency, high power density, and ultra-low
electromagnetic interference (EMI). The converters
operate over a wide input voltage range of 3V to 70V
simplifying input surge protection design.
The low EMI operation is enabled with minimized loop
inductance, internal bypass capacitors, pin-selectable
SW node slew-rate control and dual-random spread
spectrum (DRSS).
The current-mode control architecture with 36ns
minimum on-time allows high conversion ratios at high
frequencies, easy loop compensation, fast transient
response, and excellent load and line regulation. Up
to two converters can be set up in an interleaved
mode (paralleled outputs) with accurate current
sharing for supporting output current up to 16A.
The LM686x0-Q1 buck converters are specifically
intended for functional safety relevant applications.
An array of safety features including ABIST at
start-up, redundant and fast VOUT monitor, feedback
path failure detection, redundant temperature sensor,
thermal shutdown, and current limit significantly
reduces residual failure-in-time (FIT).




Similar Part No. - LM68640-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM68640-Q1 TI2-LM68640-Q1 Datasheet
681Kb / 12P
LM686x0-Q1 70V, 8A/6A/4A, Automotive Buck Converters Optimized for Safety-Relevant Applications
OCTOBER 2024
More results


Similar Description - LM68640-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM61495-Q1 TI1-LM61495-Q1 Datasheet
269Kb / 4P
LM62460-Q1, LM61480/95-Q1 6A/8A/10-A Automotive Buck Converter Optimized for Power Density and Low EMI
TPS653850A-Q1 TI1-TPS653850A-Q1 Datasheet
854Kb / 12P
TPS653850A-Q1 and TPS653852A-Q1 Multirail Power Supply for Microcontrollers in Safety-Relevant Applications
TPS653851A-Q1 TI1-TPS653851A-Q1 Datasheet
861Kb / 12P
TPS653851A-Q1 Multirail Power Supply for Microcontrollers in Safety-Relevant Applications
TPS653853A-Q1 TI1-TPS653853A-Q1 Datasheet
855Kb / 12P
TPS653853A-Q1 and TPS653854A-Q1 Multirail Power Supply for Microcontrollers in Safety-Relevant Applications
logo
Maxim Integrated Produc...
MAX20004 MAXIM-MAX20004 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
logo
Texas Instruments
TPS6594-Q1 TI-TPS6594-Q1_V06 Datasheet
9Mb / 396P
TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED FEBRUARY 2022
logo
Infineon Technologies A...
TLF35584 INFINEON-TLF35584 Datasheet
221Kb / 2P
System-Supply for Safety-Relevant Applications
03 / 2015
logo
Texas Instruments
TPS653860-Q1 TI-TPS653860-Q1 Datasheet
1Mb / 15P
TPS653860/61-Q1 Power Management IC For Safety-Relevant Applications
OCTOBER 2023
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com