Electronic Components Datasheet Search
  English  ▼

X  

1047354 Datasheet (PDF) - PHOENIX CONTACT

1047354 Datasheet PDF - PHOENIX CONTACT
Part # 1047354
Download  1047354 Download
File Size   610.75 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPD WD 3P2,5 0,5 M25 GY - Panel feed-through

1047354 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047354 Datasheet PDF - PHOENIX CONTACT

Part # 1047354
Download  1047354 Click to download

File Size   610.75 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPD WD 3P2,5 0,5 M25 GY - Panel feed-through

1047354 Datasheet (HTML) - PHOENIX CONTACT


1047354 Product details

Panel feed-through, Direct connection, product family: IPD, connection method: Single wires/
Push-in connection, number of positions: 2+PE, M25, 0.5 mm2 ... 2.5 mm2, 450 V, 16 A, PA, light
gray, external cable diameter: 6 mm ... 9 mm and 8 mm ... 13 mm, cable length: 0.5 m

Your advantages
• Convenient: quick and easy assembly without special tools
• Fast and easy startup, thanks to tool-free Push-in connection technology
• Reliable installation in harsh environments with IP66, IP68, and IP69K throughout the entire system




Similar Part No. - 1047354

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047350 PHOENIX-1047350 Datasheet
606Kb / 8P
IPD WD 3P2,5 1,0 M20 GY - Panel feed-through
1047353 PHOENIX-1047353 Datasheet
609Kb / 8P
IPD WD 3P2,5 1,0 M20 BK - Panel feed-through
1047355 PHOENIX-1047355 Datasheet
612Kb / 8P
IPD WD 3P2,5 0,5 M25 BK - Panel feed-through
1047356 PHOENIX-1047356 Datasheet
611Kb / 8P
IPD WD 3P2,5 1,0 M25 GY - Panel feed-through
1047359 PHOENIX-1047359 Datasheet
612Kb / 8P
IPD WD 3P2,5 1,0 M25 BK - Panel feed-through
More results


Similar Description - 1047354

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047319 PHOENIX-1047319 Datasheet
323Kb / 7P
Panel feed-through - IPD WD 3P2,5 M20 GY
1047321 PHOENIX-1047321 Datasheet
243Kb / 7P
Panel feed-through - IPD WD 3P2,5 M20 BK
1047322 PHOENIX-1047322 Datasheet
208Kb / 7P
Panel feed-through - IPD WD 3P2,5 M25 GY
1047324 PHOENIX-1047324 Datasheet
236Kb / 7P
Panel feed-through - IPD WD 3P2,5 M25 BK
1047344 PHOENIX-1047344 Datasheet
212Kb / 7P
Panel feed-through - IPD WD 5P2,5 M25 GY
1047345 PHOENIX-1047345 Datasheet
256Kb / 7P
Panel feed-through - IPD WD 5P2,5 M25 BK
1088687 PHOENIX-1088687 Datasheet
557Kb / 11P
Panel feed-through - IPD W 3P2,5 M M20 GY
1088688 PHOENIX-1088688 Datasheet
558Kb / 11P
Panel feed-through - IPD W 3P2,5 M M25 GY
1088689 PHOENIX-1088689 Datasheet
558Kb / 11P
Panel feed-through - IPD W 3P2,5 F M20 GY
1088690 PHOENIX-1088690 Datasheet
558Kb / 11P
Panel feed-through - IPD W 3P2,5 F M25 GY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com