Electronic Components Datasheet Search
  English  ▼

X  

1039563 Datasheet (PDF) - PHOENIX CONTACT

1039563 Datasheet PDF - PHOENIX CONTACT
Part # 1039563
Download  1039563 Download
File Size   279.78 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P 4PE2,5 6-11 TL BK - Connector

1039563 Datasheet (PDF)

Go To PDF Page Download Datasheet
1039563 Datasheet PDF - PHOENIX CONTACT

Part # 1039563
Download  1039563 Click to download

File Size   279.78 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P 4PE2,5 6-11 TL BK - Connector

1039563 Datasheet (HTML) - PHOENIX CONTACT


1039563 Product details

Connector, product family: QPD, connection method: IDC connection, number of positions:
4+PE, 1 mm2 ... 2.5 mm2, 690 V, 20 A, PA, black, with QUICKON nut, external cable diameter: 6
mm ... 11 mm

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Easy maintenance – the connectors enable fast device replacement and preassembled cables simplify startup




Similar Part No. - 1039563

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
103956-1 MACOM-103956-1 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-2 MACOM-103956-2 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-3 MACOM-103956-3 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-4 MACOM-103956-4 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-5 MACOM-103956-5 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
More results


Similar Description - 1039563

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403782 PHOENIX-1403782 Datasheet
71Kb / 5P
Connector - QPD P 4PE2,5 9-16 BK
1403784 PHOENIX-1403784 Datasheet
71Kb / 5P
Connector - QPD P 4PE2,5 6-11 BK
1403834 PHOENIX-1403834 Datasheet
280Kb / 6P
Conductor connectors - QPD C 4PE2,5 1X6-11 BK
1403836 PHOENIX-1403836 Datasheet
278Kb / 6P
Conductor connectors - QPD C 4PE2,5 2X9-16 BK
1403838 PHOENIX-1403838 Datasheet
278Kb / 6P
Conductor connectors - QPD C 4PE2,5 2X6-11 BK
1403844 PHOENIX-1403844 Datasheet
257Kb / 5P
Conductor connectors - QPD CW 4PE2,5 2X6-11 BK
1406368 PHOENIX-1406368 Datasheet
85Kb / 5P
H distributor - QPD H 4PE2,5 4X6-11 BK
1406369 PHOENIX-1406369 Datasheet
78Kb / 5P
H distributor - QPD H 4PE2,5 4X9-16 BK
1406370 PHOENIX-1406370 Datasheet
82Kb / 5P
H distributor - QPD H 4PE2,5 BK
1582559 PHOENIX-1582559 Datasheet
130Kb / 9P
Panel feed-through - QPD W 4PE2,5 6-11 M25 FC BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com