Electronic Components Datasheet Search
  English  ▼

X  

1039565 Datasheet (PDF) - PHOENIX CONTACT

1039565 Datasheet PDF - PHOENIX CONTACT
Part # 1039565
Download  1039565 Download
File Size   279.42 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P 4PE6,0 12-20 TL BK - Connector

1039565 Datasheet (PDF)

Go To PDF Page Download Datasheet
1039565 Datasheet PDF - PHOENIX CONTACT

Part # 1039565
Download  1039565 Click to download

File Size   279.42 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P 4PE6,0 12-20 TL BK - Connector

1039565 Datasheet (HTML) - PHOENIX CONTACT


1039565 Product details

Connector, product family: QPD, connection method: IDC connection, number of positions:
4+PE, 2.5 mm2 ... 6 mm2, 690 V, 40 A, PA, black, with QUICKON nut, external cable diameter:
12 mm ... 20 mm

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Easy maintenance – the connectors enable fast device replacement and preassembled cables simplify startup




Similar Part No. - 1039565

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
103956-1 MACOM-103956-1 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-2 MACOM-103956-2 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-3 MACOM-103956-3 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-4 MACOM-103956-4 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
103956-5 MACOM-103956-5 Datasheet
84Kb / 1P
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, LATCHED & POLARIZED, FOR 22-26 AWG WIRE SIZE, STRIP FORM
More results


Similar Description - 1039565

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403782 PHOENIX-1403782 Datasheet
71Kb / 5P
Connector - QPD P 4PE2,5 9-16 BK
1403784 PHOENIX-1403784 Datasheet
71Kb / 5P
Connector - QPD P 4PE2,5 6-11 BK
1582638 PHOENIX-1582638 Datasheet
109Kb / 7P
Connector - QPD P 3PE2,5 9-14 BK BK
1411416 PHOENIX-1411416 Datasheet
275Kb / 6P
T distributor - QPD T 4PE6,0 2X9-14 BK
1411425 PHOENIX-1411425 Datasheet
270Kb / 6P
H distributor - QPD H 4PE6,0 4X12-20 BK
1411417 PHOENIX-1411417 Datasheet
275Kb / 6P
T distributor - QPD T 4PE6,0 2X12-20 BK
1410412 PHOENIX-1410412 Datasheet
91Kb / 6P
Conductor connectors - QPD C 4PE6,0 2X12-20 BK
09/11/2020
1414703 PHOENIX-1414703 Datasheet
310Kb / 6P
Connector - QPD P 3PE1,5 4-9 BK
01/21/2022
1414706 PHOENIX-1414706 Datasheet
313Kb / 6P
Connector - QPD P 2PE1,5 8-13 BK
01/21/2022
1414750 PHOENIX-1414750 Datasheet
304Kb / 6P
Connector - QPD P 4PE1,5 9-14 BK
02/04/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com