Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet (PDF) - Analog Devices

LT8610AB Datasheet PDF - Analog Devices
Part # LT8610AB
Download  LT8610AB Download
File Size   1123.02 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current

LT8610AB Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8610AB Datasheet PDF - Analog Devices

Part # LT8610AB
Download  LT8610AB Click to download

File Size   1123.02 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current

LT8610AB Datasheet (HTML) - Analog Devices


LT8610AB Product details

FEATURES
 Wide Input Voltage Range: 3V to 42V
 Wide Output Voltage Range: 0.787V to (VIN – 0.4V)
 Ultralow Quiescent Current Burst Mode®
Operation:
 <2.5μA IQ Regulating 12VIN to 3.3VOUT
 Output Ripple <10mVP-P
 Silent Switcher® Powertrain for Ultralow EMI
Emissions
 High Efficiency 2MHz Synchronous Operation:
 Up to 93% Efficiency at 2MHz, 12VIN to 5VOUT
 Fast Minimum Switch-On Time: 40ns
 Very Low Dropout: 125mV at 1A
 Adjustable and Synchronizable: 400kHz to 2.5MHz
 Optional Spread-Spectrum Frequency Modulation
 Fixed Frequency Peak Current-Mode Operation
 Accurate 1V Enable Pin Threshold
 Output Soft-Start and Tracking
 Small 3mm × 3mm Side Wettable QFN Package
 Clearance Between High Voltage and Low Voltage Pins
 Excellent Solder Joint Reliability
 AEC-Q100 Qualified for Automotive Applications
 Temperature Grade 0: −40°C to +150°C, TA
APPLICATIONS
 Automotive and Industrial Supplies
 Low EMI Step-Down




Similar Part No. - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8610AB LINER-LT8610AB Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
More results


Similar Description - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8609S AD-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com