Electronic Components Datasheet Search
  English  ▼

X  

SI5323 Datasheet (PDF) - Silicon Laboratories

SI5323 Datasheet PDF - Silicon Laboratories
Part # SI5323
Download  SI5323 Download
File Size   647.61 Kbytes
Page   16 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR

SI5323 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5323 Datasheet PDF - Silicon Laboratories

Part # SI5323
Download  SI5323 Click to download

File Size   647.61 Kbytes
Page   16 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR

SI5323 Datasheet (HTML) - Silicon Laboratories


SI5323 Product details

Description

The Si5323 is a jitter-attenuating precision clock multiplier for high-speed communication systems,

including SONET OC-48/OC-192, Ethernet, and Fibre Channel. The Si5323 accepts dual clock inputs ranging from 8 kHz to 707 MHz and generates two equal frequency-multiplied clock outputs ranging from 8 kHz to 1050 MHz. The input clock frequency and clock multiplication ratio are selectable from a table of popular SONET, Ethernet, and Fibre Channel rates.



Features

„ Selectable output frequencies ranging from 8 kHz to 1050 MHz

„ Ultra-low jitter clock outputswith jitter generation as low as 0.3 ps rms (50 kHz–80 MHz)

„ Integrated loop filter with selectable loop bandwidth (60Hz to 8.4kHz)

„ Meets OC-192 GR-253-COREjitter specifications

„ Dual clock inputs w/manual or automatically controlled hitless switching

„ Dual clock outputs with selectable signal format (LVPECL, LVDS, CML, CMOS)

„ Support for ITU G.709 FEC ratios (255/238, 255/237, 255/236)

„ LOL, LOS alarm outputs

„ Pin-controlled output phase adjust

„ Pin-programmable settings

„ On-chip voltage regulator for 1.8, 2.5, or 3.3 V ±10% operation

„ Small size: 6 x 6 mm 36-lead QFN

„ Pb-free, ROHS compliant



Applications

„ SONET/SDH OC-48/OC-192 line cards

„ GbE/10GbE, 1/2/4/8/10GFC line cards

„ ITU G.709 line cards

„ Optical modules

„ Test and measurement




Similar Part No. - SI5323

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5323 SILABS-Si5323 Datasheet
341Kb / 50P
Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5323 SKYWORKS-SI5323 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5323-C-GM SKYWORKS-SI5323-C-GM Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results


Similar Description - SI5323

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com