Electronic Components Datasheet Search
  English  ▼

X  

1942222 Datasheet (PDF) - PHOENIX CONTACT

1942222 Datasheet PDF - PHOENIX CONTACT
Part # 1942222
Download  1942222 Download
File Size   381.28 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5 HC/ 9-ST - PCB connector

1942222 Datasheet (PDF)

Go To PDF Page Download Datasheet
1942222 Datasheet PDF - PHOENIX CONTACT

Part # 1942222
Download  1942222 Click to download

File Size   381.28 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKC 2,5 HC/ 9-ST - PCB connector

1942222 Datasheet (HTML) - PHOENIX CONTACT


1942222 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: FKC 2,5
HC/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• Quick and convenient testing using integrated test option




Similar Part No. - 1942222

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1942220000 WEIDMULLER-1942220000 Datasheet
88Kb / 5P
PCB connection systems
1942220000 WEIDMULLER-1942220000 Datasheet
271Kb / 4P
SC 3.81/17/90G 3.2SN OR BX
More results


Similar Description - 1942222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873126 PHOENIX-1873126 Datasheet
141Kb / 7P
FKC 2,5/ 9-ST-5,08
1910429 PHOENIX-1910429 Datasheet
220Kb / 13P
Printed-circuit board connector - FKC 2,5/ 9-ST
1942196 PHOENIX-1942196 Datasheet
188Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 6-ST
1942471 PHOENIX-1942471 Datasheet
155Kb / 5P
FKC 2,5 HC/12-ST-5,08
1942206 PHOENIX-1942206 Datasheet
177Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 7-ST
09/12/2020
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1942170 PHOENIX-1942170 Datasheet
666Kb / 20P
PCB connector - FKC 2,5 HC/ 4-ST
Jan 5, 2023
1942426 PHOENIX-1942426 Datasheet
606Kb / 20P
FKC 2,5 HC/ 7-ST-5,08 - PCB connector
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912362 PHOENIX-1912362 Datasheet
523Kb / 15P
MVSTBR 2,5 HC/ 9-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com