Electronic Components Datasheet Search
  English  ▼

X  

1825762 Datasheet (PDF) - PHOENIX CONTACT

1825762 Datasheet PDF - PHOENIX CONTACT
Part # 1825762
Download  1825762 Download
File Size   496.91 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/12-G-3,81 P20 THRR72 - PCB header

1825762 Datasheet (PDF)

Go To PDF Page Download Datasheet
1825762 Datasheet PDF - PHOENIX CONTACT

Part # 1825762
Download  1825762 Click to download

File Size   496.91 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/12-G-3,81 P20 THRR72 - PCB header

1825762 Datasheet (HTML) - PHOENIX CONTACT


1825762 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 12, number
of rows: 1, number of positions: 12, number of connections: 12, product range: MCV 1,5/..-GTHR,
pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: 72 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1825762

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825763 PHOENIX-1825763 Datasheet
84Kb / 5P
Base strip - ICV 2,5/ 9-GF-5,08
More results


Similar Description - 1825762

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803523 PHOENIX-1803523 Datasheet
147Kb / 5P
MCV 1,5/12-G-3,81
1712982 PHOENIX-1712982 Datasheet
111Kb / 4P
Base strip - MCV 1,5/12-G-3,81 P26 THRR72
1713444 PHOENIX-1713444 Datasheet
117Kb / 4P
Base strip - MCV 1,5/12-GF-3,81 P26 THRR72
1714003 PHOENIX-1714003 Datasheet
78Kb / 4P
Base strip - MCV 1,5/11-G-3,81 P26 THRR72
1828921 PHOENIX-1828921 Datasheet
103Kb / 4P
Base strip - MCV 1,5/16-G-3,81 P20 THR
1707463 PHOENIX-1707463 Datasheet
565Kb / 15P
PCB header - MCV 1,5/ 6-G-3,81 P26 THR
Nov 30, 2022
1707450 PHOENIX-1707450 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 5-G-3,81 P26 THR
Jan 3, 2023
1707502 PHOENIX-1707502 Datasheet
563Kb / 15P
PCB header - MCV 1,5/10-G-3,81 P26 THR
Jan 4, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1836396 PHOENIX-1836396 Datasheet
375Kb / 10P
PCB header - MCV 1,5/12-G-5,08
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com