Electronic Components Datasheet Search
  English  ▼

X  

1823668 Datasheet (PDF) - PHOENIX CONTACT

1823668 Datasheet PDF - PHOENIX CONTACT
Part # 1823668
Download  1823668 Download
File Size   281.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC 2,5/ 7-STZFD-5,08 - PCB connector

1823668 Datasheet (PDF)

Go To PDF Page Download Datasheet
1823668 Datasheet PDF - PHOENIX CONTACT

Part # 1823668
Download  1823668 Click to download

File Size   281.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC 2,5/ 7-STZFD-5,08 - PCB connector

1823668 Datasheet (HTML) - PHOENIX CONTACT


1823668 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact connection type: Pin, number of potentials: 7, number of rows: 1,
number of positions: 7, number of connections: 7, product range: ICC 2,5/..-STZFD, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking
mechanism, mounting: Screw flange, type of packaging: packed in cardboard, Corresponding
male crimp contacts with current [A] and conductor cross section range [mm2] data: 10A/ICC-MT
0,5-1,0 (3190577); 10A/ICC-MT 0,5-1,0 BA (3190603); 12A/ICC-MT 1,5-2,5 (3190580);
12A/ICC-MT 1,5-2,5 BA (3190593). BA = Bandkontakte

Your advantages
• Inexpensive connection of large quantities of preassembled conductors
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1823668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1823667 PHOENIX-1823667 Datasheet
101Kb / 4P
PCB terminal block - SPT-THR 1,5/ 5-H-3,5 P20 R32
More results


Similar Description - 1823668

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1823639 PHOENIX-1823639 Datasheet
152Kb / 6P
ICC 2,5/ 4-STZFD-5,08
1823655 PHOENIX-1823655 Datasheet
78Kb / 4P
Printed-circuit board connector - ICC 2,5/ 6-STZFD-5,08
1823671 PHOENIX-1823671 Datasheet
78Kb / 4P
Printed-circuit board connector - ICC 2,5/ 8-STZFD-5,08
1823684 PHOENIX-1823684 Datasheet
81Kb / 4P
Printed-circuit board connector - ICC 2,5/ 9-STZFD-5,08
1823697 PHOENIX-1823697 Datasheet
75Kb / 4P
Printed-circuit board connector - ICC 2,5/10-STZFD-5,08
1823707 PHOENIX-1823707 Datasheet
75Kb / 4P
Printed-circuit board connector - ICC 2,5/11-STZFD-5,08
1823710 PHOENIX-1823710 Datasheet
78Kb / 4P
Printed-circuit board connector - ICC 2,5/12-STZFD-5,08
1823736 PHOENIX-1823736 Datasheet
75Kb / 4P
Printed-circuit board connector - ICC 2,5/14-STZFD-5,08
1823752 PHOENIX-1823752 Datasheet
78Kb / 4P
Printed-circuit board connector - ICC 2,5/16-STZFD-5,08
1823794 PHOENIX-1823794 Datasheet
75Kb / 4P
Printed-circuit board connector - ICC 2,5/20-STZFD-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com