Electronic Components Datasheet Search
  English  ▼

X  

1789397 Datasheet (PDF) - PHOENIX CONTACT

1789397 Datasheet PDF - PHOENIX CONTACT
Part # 1789397
Download  1789397 Download
File Size   596.41 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 2-GF-3,5 P20 THRR32 - PCB header

1789397 Datasheet (PDF)

Go To PDF Page Download Datasheet
1789397 Datasheet PDF - PHOENIX CONTACT

Part # 1789397
Download  1789397 Click to download

File Size   596.41 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 2-GF-3,5 P20 THRR32 - PCB header

1789397 Datasheet (HTML) - PHOENIX CONTACT


1789397 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: MC 1,5/..-GF-THR,
pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin
[P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: 32 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1789397

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789300 PHOENIX-1789300 Datasheet
707Kb / 16P
MC 1,5/ 9-GF-3,5 P26 THR - PCB header
logo
Wurth Elektronik GmbH &...
178930601 WURTH-178930601 Datasheet
1Mb / 37P
WPME-VDMM - Variable Step Down MicroModule 3.5V - 36V Input / 0.3A Output / 1V - 6V Output
Version 2.0
logo
PHOENIX CONTACT
1789317 PHOENIX-1789317 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54- 3
1789320 PHOENIX-1789320 Datasheet
442Kb / 12P
PCB terminal block - FFKDSA1/V-2,54- 3
Jan 10, 2023
1789326 PHOENIX-1789326 Datasheet
103Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,5 P26 THR
More results


Similar Description - 1789397

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843871 PHOENIX-1843871 Datasheet
801Kb / 18P
PCB header - MC 1,5/10-GF-3,5
Jul 21, 2022
1843868 PHOENIX-1843868 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 9-GF-3,5
Nov 30, 2022
1817628 PHOENIX-1817628 Datasheet
651Kb / 15P
PCB header - MC 1,5/ 3-GF-3,5-LR
Jan 10, 2023
1817796 PHOENIX-1817796 Datasheet
613Kb / 14P
PCB header - MC 1,5/20-GF-3,5-LR
Jan 10, 2023
1843790 PHOENIX-1843790 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 2-GF-3,5
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1843910 PHOENIX-1843910 Datasheet
770Kb / 17P
PCB header - MC 1,5/14-GF-3,5
1995787 PHOENIX-1995787 Datasheet
499Kb / 10P
PCB header - MC 1,5/ 2-GF-3,5 AU
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com