Electronic Components Datasheet Search
  English  ▼

X  

3169473 Datasheet (PDF) - Analog Devices

3169473 Datasheet PDF - Analog Devices
Part # 3169473
Download  3169473 Download
File Size   2187.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX6043 Precision High-Voltage Reference in SOT23

3169473 Datasheet (PDF)

Go To PDF Page Download Datasheet
3169473 Datasheet PDF - Analog Devices

Part # 3169473
Download  3169473 Click to download

File Size   2187.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX6043 Precision High-Voltage Reference in SOT23

3169473 Datasheet (HTML) - Analog Devices


3169473 Product details

General Description
The MAX6043 precision voltage reference provides
accurate preset +2.5V, +3.3V, +4.096V, +5.0V, and +10V
reference voltages from up to +40V input voltages. The
MAX6043 features a proprietary temperature coefficient
curvature-correction circuit and laser-trimmed thin-film
resistors that result in a very low temperature coefficient
of 15ppm/°C (max) and excellent initial accuracy of 0.05%
(max). Low temperature drift and low noise make the
MAX6043 ideal for use with high-resolution A/D or D/A
converters.
The MAX6043 draws 320μA of supply current and sources 10mA or sinks 0.6mA of load current. The MAX6043
uses bandgap technology for low-noise performance
and excellent accuracy. The MAX6043 does not require
an output bypass capacitor for stability, and is stable
with capacitive loads up to 100μF. Eliminating the output
bypass capacitor saves valuable board area in spacecritical applications. The supply-independent, low supply
current makes the MAX6043 ideal for battery-operated,
high-performance systems.
The MAX6043 is available in a 6-pin SOT23 package
and operates over the automotive (-40°C to +125°C)
temperature range.

Applications
● Analog-to-Digital Converters
● Digital-to-Analog Converters
● Digital Voltmeters
● Voltage Regulators
● Threshold Detectors

Features
● +2.5V, +3.3V, +4.096V, +5.0V, or +10V Output
Voltages
● Excellent Temperature Stability: 15ppm/°C (max)
● Tight Initial Accuracy: 0.05% (max)
● Tiny SOT23 Package
● Wide +4.5V to +40V Supply Voltage Range
● Low Noise: 4μVP-P (typ at 2.5V Output)
● Short-Circuit Protected
● Wide Operating Temperature Range
-40°C to +125°C
● Stable with Capacitive Loads from 0 to 100μF
● No External Capacitors Required for Stability




Similar Part No. - 3169473

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3169 KR-3169 Datasheet
70Kb / 3P
70 MHz Bandpass Filter
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3169 HEYCO-3169 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Adafruit Industries
3169 ADAFRUIT-3169 Datasheet
140Kb / 2P
Silicone Cover Stranded-Core Wire - 50ft 30AWG White
More results


Similar Description - 3169473

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com