Electronic Components Datasheet Search
  English  ▼

X  

TPS74901DRCR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS74901DRCR Datasheet PDF - Texas Instruments
Part # TPS74901DRCR
Download  TPS74901DRCR Download
File Size   3345.36 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS74901 3A, Low Dropout Linear Regulator With Programmable Soft-Start

TPS74901DRCR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS74901DRCR Datasheet PDF - Texas Instruments

Part # TPS74901DRCR
Download  TPS74901DRCR Click to download

File Size   3345.36 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS74901 3A, Low Dropout Linear Regulator With Programmable Soft-Start

TPS74901DRCR Datasheet (HTML) - Texas Instruments


TPS74901DRCR Product details

1 Features
• VOUT range: 0.8V to 3.6V
• Ultra-low VIN range: 0.8V to 5.5V
• VBIAS range: 2.7V to 5.5V
• Low dropout: 120mV (typical) at 3A
• Power-good (PG) output allows supply monitoring
or provides a sequencing signal for other supplies
• Accuracy over line, load, and temperature: 1%
(new chip)
• Accuracy over line, load, and temperature: 2%
(legacy chip)
• Adjustable start-up in-rush control
• VBIAS permits low VIN operation with good transient
response
• Stable with any output capacitor ≥ 2.2μF
• Packages:
– Small, 3mm × 3mm × 1mm VSON
– 5mm × 5mm × 1mm VQFN and DDPAK-7
• Active high enable

2 Applications
• Network attached storage - enterprise
• Rack servers
• Network interface cards (NIC)
• Merchant network and server PSU

3 Description
The TPS74901 low-dropout (LDO) linear regulator
provides an easy-to-use, robust power management
solution for a wide variety of applications. Userprogrammable
soft-start minimizes stress on the
input power source by reducing capacitive inrush
current during start-up. The soft-start is monotonic
and designed for powering many different types of
processors and application-specific integrated circuits
(ASICs). The enable input and power-good output
allow easy sequencing with external regulators.
This complete flexibility allows a solution to be
configured that meets the sequencing requirements
of field-programmable gate arrays (FPGAs), digital
signal processors (DSPs), and other applications with
special start-up requirements.
A precision reference and error amplifier deliver 2%
accuracy over load, line, temperature, and process.
The device is stable with any type of capacitor
≥ 2.2μF, and the device is fully specified from –40°C
to +125°C. The TPS74901 is offered in a small
(3mm × 3mm) VSON package and a small (5mm
× 5mm) VQFN package, yielding a highly compact
total solution size. The device is also available in a
DDPAK-7 package.




Similar Part No. - TPS74901DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74901DRCR TI1-TPS74901DRCR Datasheet
1Mb / 36P
3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74901DRCR TI-TPS74901DRCR Datasheet
3Mb / 45P
TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901DRCR TI2-TPS74901DRCR Datasheet
3Mb / 45P
TPS74901 3A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED JUNE 2024
TPS74901DRCR.A TI2-TPS74901DRCR.A Datasheet
3Mb / 45P
TPS74901 3A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED JUNE 2024
TPS74901DRCRG4 TI2-TPS74901DRCRG4 Datasheet
3Mb / 45P
TPS74901 3A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED JUNE 2024
More results


Similar Description - TPS74901DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI-TPS74901_V01 Datasheet
3Mb / 45P
TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com