Electronic Components Datasheet Search
  English  ▼

X  

TPS389006 Datasheet (PDF) - Texas Instruments

TPS389006 Datasheet PDF - Texas Instruments
Part # TPS389006
Download  TPS389006 Download
File Size   4846.94 Kbytes
Page   146 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS389006/08-Q1,TPS389R0-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor

TPS389006 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS389006 Datasheet PDF - Texas Instruments

Part # TPS389006
Download  TPS389006 Click to download

File Size   4846.94 Kbytes
Page   146 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS389006/08-Q1,TPS389R0-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor

TPS389006 Datasheet (HTML) - Texas Instruments


TPS389006 Product details

1 Features
• ASIL-D Functional Safety-Compliant
– Development target for Functional Safety
applications
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL D
– Hardware capability up to ASIL D
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
• Monitor state-of-the art SOCs
– ±6mV threshold accuracy (–40°C to +125°C)
– Input voltage range: 2.5V to 5.5V
– Undervoltage lockout (UVLO): 2.48V
– Low standby quiescent current: 200μA
– 6 channels with 2 remote sense (TPS389006-
Q1)
– 6 channels with 2 remote sense and Reset
output (TPS389R06-Q1)
– 8 channels (TPS389008-Q1)
– Fixed window threshold levels
• 5mV steps from 0.2V to 1.475V
• 20mV steps from 0.8V to 5.5V
• Miniature solution and minimal component cost
– 3mm x 3mm QFN package
– Adjustable glitch immunity via I2C
– User adjustable voltage threshold levels via I2C
• Designed for safety applications
– Active-low open-drain NIRQ output
– Active-low open-drain NRST output
(TPS389R0-Q1)
– Built-in 8-bit ADC for real-time voltage readouts
– Cyclic Redundancy Checking (CRC)
– Packet Error Checking (PEC)
– Sequence and fault logging
• Sync function for rail tagging
– Connect with a multichannel sequencer for
sequencing functionality

2 Applications
• Advanced driver assistance system (ADAS)
• Sensor fusion

3 Description
The TPS389006/08-Q1 device is an ASIL-D compliant
six/eight-channel window supervisor IC with two
remote sense pins (six channel version) available in a
16-pin 3mm x 3mm QFN package. The TPS389R06-
Q1 device is a six channel window supervisor IC with
2 remote sense pins and a Reset output. This high
accuracy multichannel voltage supervisor is designed
for systems that operate on low-voltage supply rails
and have narrow margin supply tolerances.
Remote sense pins enable a highly accurate voltage
measurement on the high current core rail by
accounting for voltage drop across PCB traces. I2C
functionality gives flexibility in selecting thresholds,
reset delays, glitch filters, and pin functionality. The
internal glitch immunity and noise filters eliminate
the need for external RC components to reduce
false resets resulting from power transients. In
addition, device does not require any external
resistors for setting overvoltage and undervoltage
reset thresholds, which further optimizes overall
accuracy, cost, size, and improves reliability for safety
systems.
This device offers CRC error checking, sequence
logging during turn ON or turn OFF, and a builtin
ADC for voltage readouts to provide redundant
error checking. In addition, TPS389006 offers a sync
feature for tagging the rails as the device powers
up. The TPS389006 device also pairs with TI's powersupply
sequencer TPS38700 to enable proper poweron
sequence in addition to voltage monitoring for
SIL-3 level compliance.




Similar Part No. - TPS389006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006 TI2-TPS389006 Datasheet
4Mb / 146P
TPS389006/08-Q1,TPS389R0-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED OCTOBER 2024
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI2-TPS389006-Q1 Datasheet
4Mb / 146P
TPS389006/08-Q1,TPS389R0-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED OCTOBER 2024
More results


Similar Description - TPS389006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3703-Q1 TI1-TPS3703-Q1_V01 Datasheet
1Mb / 34P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_V02 Datasheet
1Mb / 36P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
TPS3703-Q1 TI-TPS3703-Q1_V04 Datasheet
2Mb / 37P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
MARCH 2021
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389C03-Q1 TI1-TPS389C03-Q1 Datasheet
5Mb / 88P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED SEPTEMBER 2023
TPS389C03-Q1 TI1-TPS389C03-Q1_V01 Datasheet
6Mb / 104P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com