Electronic Components Datasheet Search
  English  ▼

X  

TPS3899 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS3899 Datasheet PDF - Texas Instruments
Part # TPS3899
Download  TPS3899 Download
File Size   1488.29 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay

TPS3899 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3899 Datasheet PDF - Texas Instruments

Part # TPS3899
Download  TPS3899 Click to download

File Size   1488.29 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay

TPS3899 Datasheet (HTML) - Texas Instruments


TPS3899 Product details

1 Features
Qualified for automotive applications:
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
Designed for high performance:
• Nano quiescent current: 125nA (typical)
• High threshold accuracy: ±0.5% (typical)
• Built-in precision hysteresis (VHYS): 5% (typical)
Designed for a wide range of applications:
• Operating voltage range:
– 0.85V to 6V (DL and PL outputs)
– 1V to 6V (PH output)
• Adjustable threshold voltage: 0.505V (typical)
• Precision voltage and push-button monitor
• Programmable sense and reset delay
• Fixed (VIT-) voltage: 0.8V to 5.4V in 0.1V steps
Multiple output topologies / Package type:
• TPS3899DL-Q1: open-drain, active-low (RESET)
• TPS3899PL-Q1: push-pull, active-low (RESET)
• TPS3899PH-Q1: push-pull, active-high (RESET)
• Package: 1.5mm × 1.5mm WSON (DSE)

2 Applications
• Advance Driver Assistance Systems (ADAS)
• Infotainment head unit
• Automotive gateway
• Camera module
• Radar ECU
• Automotive external amplifier

3 Description
The TPS3899-Q1 is a nano-power, precision voltage
supervisor with ±0.5% threshold accuracy and
programmable sense and reset time delay in a 6-pin
space saving 1.5mm × 1.5mm WSON package. The
TPS3899-Q1 is a feature-rich voltage supervisor that
offers the smallest total solution size in its class. Builtin
hysteresis along with programmable delay prevent
false reset signals when monitoring a voltage rail or
push button signals.
The separate VDD and SENSE pins allow for
the redundancy sought by high-reliability systems.
SENSE is decoupled from VDD and can monitor rail
voltages other than VDD. Optional use of external
resistors are supported by the high impedance input
of the SENSE pin. Both CTS and CTR provide delay
adjustability on the rising and falling edges of the
RESET signals. CTS also functions as a debouncer
by ignoring voltage glitches on the monitored voltage
rails and operates as a "manual reset" that can be
used to force a system reset.
The precision performance, best in-class features in
a compact form factor, makes the TPS3899-Q1 an
ideal solution for wide ranging automotive and batterypowered
/ low-power applications. The device is fully
specified over a temperature range of
–40°C to +125°C (TA).




Similar Part No. - TPS3899

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3899 TI-TPS3899 Datasheet
999Kb / 23P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899 Datasheet
1Mb / 25P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899 Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
More results


Similar Description - TPS3899

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3899 TI-TPS3899 Datasheet
999Kb / 23P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899_V01 Datasheet
1Mb / 25P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TPS3899-Q1 TI-TPS3899-Q1_V01 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V02 Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899_V03 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
TPS3899-Q1 TI-TPS3899-Q1_V02 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
TPS3760-Q1 TI-TPS3760-Q1 Datasheet
1Mb / 38P
TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive
MARCH 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com