Electronic Components Datasheet Search
  English  ▼

X  

TPS7A4501 Datasheet (PDF) - Texas Instruments

TPS7A4501 Datasheet PDF - Texas Instruments
Part # TPS7A4501
Download  TPS7A4501 Download
File Size   2447.61 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators

TPS7A4501 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A4501 Datasheet PDF - Texas Instruments

Part # TPS7A4501
Download  TPS7A4501 Click to download

File Size   2447.61 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators

TPS7A4501 Datasheet (HTML) - Texas Instruments


TPS7A4501 Product details

1 Features
1• Optimized for Fast Transient Response
• Output Current: 1.5 A
• High Output Voltage Accuracy: 1% at 25°C
• Dropout Voltage: 300 mV
• Low Noise: 35 μV RMS (10 Hz to 100 kHz)
• High Ripple Rejection: 68 dB at 1 kHz
• 1-mA Quiescent Current
• No Protection Diodes Needed
• Controlled Quiescent Current in Dropout
• Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V, 3.3 V
• Adjustable Output from 1.21 V to 20 V
(TPS7A4501 Only)
• Less Than 1-μA Quiescent Current in Shutdown
• Stable With 10-μF Ceramic Output Capacitor
• Reverse-Battery Protection
• Reverse Current Protection

2 Applications
• Industrial
• Wireless Infrastructure
• Radio-Frequency Systems

3 Description
The TPS7A45xx devices are low-dropout (LDO)
regulators optimized for fast transient response. The device can supply 1.5 A of output current with a
dropout voltage of 300 mV. Operating quiescent
current is 1 mA, dropping to less than 1 μA in
shutdown. Quiescent current is well controlled; it does
not rise in dropout as with many other regulators. In
addition to fast transient response, the TPS7A45xx
regulators have very-low output noise, which makes
them ideal for sensitive RF supply applications.
Output voltage range is from 1.21 to 20 V. The
TPS7A45xx regulators are stable with output
capacitance as low as 10 μF. Small ceramic
capacitors can be used without the necessary
addition of ESR as is common with other regulators.
Internal protection circuitry includes reverse-battery
protection, current limiting, thermal limiting, and
reverse-current protection. The devices are available
in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, 3.3 V,
and as an adjustable device with a 1.21-V reference
voltage.




Similar Part No. - TPS7A4501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501 TI-TPS7A4501 Datasheet
816Kb / 25P
LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501-SP TI-TPS7A4501-SP Datasheet
587Kb / 29P
Low-Dropout Voltage Regulator
TPS7A4501-SP TI1-TPS7A4501-SP Datasheet
2Mb / 36P
Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results


Similar Description - TPS7A4501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com