Electronic Components Datasheet Search
  English  ▼

X  

TPS74801DRCRG4 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS74801DRCRG4 Datasheet PDF - Texas Instruments
Part # TPS74801DRCRG4
Download  TPS74801DRCRG4 Download
File Size   3289.82 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS748 1.5A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS74801DRCRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS74801DRCRG4 Datasheet PDF - Texas Instruments

Part # TPS74801DRCRG4
Download  TPS74801DRCRG4 Click to download

File Size   3289.82 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS748 1.5A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS74801DRCRG4 Datasheet (HTML) - Texas Instruments


TPS74801DRCRG4 Product details

1 Features
• VOUT range: 0.8V to 3.6V
• Ultra-low VIN range: 0.8V to 5.5V
• VBIAS range 2.7V to 5.5V
• Low dropout: 60 mV typical at 1.5A, VBIAS = 5V
• Power-good (PG) output allows supply monitoring
or provides a sequencing signal for other supplies
• 1% accuracy over line, load, and temperature (new
chip)
• 2% accuracy over line, load, and temperature
(legacy chip)
• Programmable soft-start provides linear voltage
start-up
• VBIAS permits low VIN operation with good transient
response
• Stable with any output capacitor ≥ 2.2μF
• Available in small, 3mm × 3mm × 1mm VSON-10
and 5mm × 5mm VQFN-20 packages

2 Applications
• Network attached storage - enterprise
• Rack servers
• Network interface cards (NIC)
• Merchant network and server PSU

3 Description
The TPS748 low-dropout (LDO) linear regulator
provides an easy-to-use robust power management
solution for a wide variety of applications. Userprogrammable
soft-start minimizes stress on the input
power source by reducing capacitive inrush current
on start-up. The soft-start is monotonic and designed
for powering many different types of processors and
ASICs. The enable input and power-good output
allow easy sequencing with external regulators. This
complete flexibility allows a solution to be configured
that meets the sequencing requirements of FPGAs,
DSPs, and other applications with special start-up
requirements.
A precision reference and error amplifier deliver 1%
accuracy (new chip) over load, line, temperature,
and process. The device is stable with any type of
capacitor greater than or equal to 2.2μF, and is fully
specified for TJ = –40°C to +125°C. The TPS748 is
offered in a small, 3mm × 3mm, VSON-10 package,
yielding a highly compact, total solution size. The
device is also available in a 5mm × 5mm VQFN-20
package for compatibility with the TPS742.




Similar Part No. - TPS74801DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI-TPS74801DRCRG4 Datasheet
3Mb / 47P
TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results


Similar Description - TPS74801DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
TPS748 TI-TPS748 Datasheet
3Mb / 47P
TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com