Electronic Components Datasheet Search
  English  ▼

X  

TAD5142 Datasheet (PDF) - Texas Instruments

TAD5142 Datasheet PDF - Texas Instruments
Part # TAD5142
Download  TAD5142 Download
File Size   4043.92 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAD5142 Hardware-control stereo audio DAC with 110dB dynamic range, and headphone/line driver

TAD5142 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAD5142 Datasheet PDF - Texas Instruments

Part # TAD5142
Download  TAD5142 Click to download

File Size   4043.92 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAD5142 Hardware-control stereo audio DAC with 110dB dynamic range, and headphone/line driver

TAD5142 Datasheet (HTML) - Texas Instruments


TAD5142 Product details

1 Features
– Stereo audio DAC performance:
• DAC to differential line-out dynamic range:
110dB
• DAC to pseudo-differential headphone-out
dynamic range: 107dB
• DAC to differential line-out THD+N: –100 dB
• Output voltage:
– Differential Line-out/Receiver, 2VRMS fullscale
– Pseudo-differential Headphone, 1VRMS
full-scale
– Single-ended Line-out, 1VRMS full-scale
• DAC sample rates (fs) = 8kHz to 192kHz
– Key Features
• Pin or Hardware Control
• Audio Serial Interface
– Format: TDM, LJ or I2S
– Bus Controller and Target Modes
– Daisy chain in TDM Mode
– Word Length: Selectable 24 or 32 Bits
• Pin-selectable digital interpolation filter
options:
– Linear-phase
– Low-latency
• Auto clock detection
• Interrupt output on clock error
• Single supply operation AVDD: 1.8V or 3.3V
• I/O Supply Operation: 1.8V or 3.3V
• Temperature grade 1: –40°C ≤ TA ≤ +125°C

2 Applications
• AV Receiver
• IP Network Camera
• Soundbar
• Video Conference System

3 Description
The TAD5142 is a 2VRMS 110dB stereo audio DAC
that can be configured for either line output or
headphone load and supports both single-ended and
differential output options. The device integrates a
phase-locked loop (PLL) and supports sample rates
up to 192kHz. TAD5142 can drive upto 62.5 mW
into a 16Ω headphone load. The TAD5142 supports
time-division multiplexing (TDM), left-justified (LJ), or
I2S audio formats in controller and target modes, and
is pin or hardware controlled. These integrated highperformance
features, pin control along with a single
supply operation, make TAD5142 an excellent choice
for space-constrained audio applications.




Similar Part No. - TAD5142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAD5142 TI1-TAD5142 Datasheet
3Mb / 34P
TAD5142 Low-power pin controlled stereo audio DAC with 106dB dynamic range
DECEMBER 2023
More results


Similar Description - TAD5142

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Micro Analog systems
MAS9560 MAS-MAS9560 Datasheet
360Kb / 25P
Stereo Audio Driver DAC
logo
Elite Semiconductor Mem...
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
logo
Texas Instruments
PCM1774 TI-PCM1774 Datasheet
1Mb / 49P
16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com