Electronic Components Datasheet Search
  English  ▼

X  

PN7160 Datasheet (PDF) - NXP Semiconductors

PN7160 Datasheet PDF - NXP Semiconductors
Part # PN7160
Download  PN7160 Download
File Size   788.07 Kbytes
Page   67 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Near Field Communication (NFC) controller

PN7160 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN7160 Datasheet PDF - NXP Semiconductors

Part # PN7160
Download  PN7160 Click to download

File Size   788.07 Kbytes
Page   67 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Near Field Communication (NFC) controller

PN7160 Datasheet (HTML) - NXP Semiconductors


PN7160 Product details

Features and benefits
• Highly integrated demodulator and decoder
• Buffered output drivers to connect an antenna with minimum number of external components
• Integrated RF level detector
• Integrated Polling Loop for automatic device discovery
• RF protocols supported
– ISO/IEC 14443A, ISO/IEC 14443B PICC mode
– ISO/IEC 14443A, ISO/IEC 14443B PCD mode designed according to NFC Forum digital protocol T4T
platform and ISO-DEP (see Ref. [1])
– FeliCa PCD mode
– MIFARE PCD encryption mechanism (MIFARE 1K/4K)
– NFC Forum tags T1T, T2T, T3T, T4T and T5T (see Ref. [1])
– NFCIP-1, NFCIP-2 protocol (see Ref. [9] and Ref. [11])
– Only up to Frimware version 12.50.0A: NFC Forum certification for P2P, reader and card mode (see Ref. [1])
– ISO/IEC 15693/ICODE VCD mode (see Ref. [10])
– NFC Forum-compliant embedded T4T for NDEF short record
– Support for "Enhanced Contactless Polling" by Apple (see Ref. [13]) (PN7161 only)
• Supported host interfaces
– NCI 2.0 protocol interface according to NFC Forum standardization (see Ref. [2])
– I2C-bus High-speed mode (see Ref. [4])
– SPI-bus (see Ref. [5])
• Flexible clock supply concept to facilitate PN7160 integration
– Internal oscillator for 27.12 MHz crystal connection
– Integrated PLL unit to make use of device reference clock and facilitate PN7160 integration
• Integrated power management unit
– Direct connection to a battery (2.5 V to 5.5 V voltage supply range)
– Support different low-power states configuration: Hard Power-Down state and Standby state activated by
firmware
– Autonomous mode when host is shut down
• Automatic wake-up via RF field, internal timer, and host interfaces
• Integrated non-volatile memory to store data and executable code for customization
– Anti tearing support to recover from tearing events
• Standards compliance
– NFC Forum Device Requirements (see Ref. [1])
– NCI 2.0
Applications
• Mobile devices
• Portable equipment (personal digital assistants, tablet, notebook, wearable)
• Consumer devices
• Smart home gateways




Similar Part No. - PN7160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
Near Field Communication (NFC) controller
Rev.3.2-30September2021
PN7160 NXP-PN7160 Datasheet
761Kb / 70P
Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160 NXP-PN7160 Datasheet
760Kb / 67P
Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
PN7160A1EV/C100 NXP-PN7160A1EV/C100 Datasheet
761Kb / 70P
Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160A1EV/C100 NXP-PN7160A1EV/C100 Datasheet
760Kb / 67P
Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
More results


Similar Description - PN7160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
Near field communication microcontroller
08-Feb-2008
logo
NXP Semiconductors
PN532 NXP-PN532 Datasheet
201Kb / 27P
Near Field Communication (NFC) controller
Rev.3.2-20 September 2012
logo
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
Near Field Communication LSI
logo
NXP Semiconductors
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
logo
STMicroelectronics
STRFNFCA STMICROELECTRONICS-STRFNFCA Datasheet
814Kb / 74P
Near field communication transceiver
16-Nov-2012
logo
NXP Semiconductors
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
Near Field Communication (NFC) controller
Rev.3.2-30September2021
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
Near field communication transceiver
Rev 4
logo
NXP Semiconductors
PN7160 NXP-PN7160_V01 Datasheet
761Kb / 70P
Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160 NXP-PN7160_V02 Datasheet
760Kb / 67P
Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com