Electronic Components Datasheet Search
  English  ▼

X  

3747284 Datasheet (PDF) - Multicomp Pro

3747284 Datasheet PDF - Multicomp Pro
Part # 3747284
Download  3747284 Download
File Size   210.0 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Power Lead

3747284 Datasheet (PDF)

Go To PDF Page Download Datasheet
3747284 Datasheet PDF - Multicomp Pro

Part # 3747284
Download  3747284 Click to download

File Size   210.0 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Power Lead

3747284 Datasheet (HTML) - Multicomp Pro


3747284 Product details

Description
The materials in our power cords range have been independently tested by an appropriate
third party and we retain these records and intend to repeat such tests on an ongoing basis
as part of our quality control procedures.
Testing methods include:
•  EPA method 3050B :1996 other acid digestion
•  BSEN1122 : 2001 method B other acid digestion
•  EPA method 3052B :1996 other acid digestion
•  EPA method 3060 & EPA 7196A:1992
•  Atomic Absorption Spectrometer/ Inductively coupled Plasma Atomic
Emission Spectrometer (ICP+AES) UV-VIS Spectrophotometer




Similar Part No. - 3747284

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374720 ERNI-374720 Datasheet
122Kb / 1P
Federl. 90 SMDTHR 50p. BM EMV
374721 ERNI-374721 Datasheet
122Kb / 1P
Messerl. 90 SMDTHR 50-pol EMV
374722 ERNI-374722 Datasheet
110Kb / 1P
Messerl. 90 SMDTHR 50p BM EMV
374723 ERNI-374723 Datasheet
164Kb / 1P
Messerl. 1mm SMD 50pol. BM EMV
logo
Aavid, Thermal Division...
374724B00032 AAVID-374724B00032 Datasheet
108Kb / 3P
TAPE Attachment Method
2/25/2003
More results


Similar Description - 3747284

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MS-012AA VISHAY-MS-012AA Datasheet
14Kb / 1P
SOIC: 8-LEAD (POWER ICS ONLY)
22-May-03
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
Axial Lead Power Inductors
3443-00K ETC1-3443-00K Datasheet
29Kb / 1P
Radial Lead Power Chokes
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
Axial Lead Schottky Power Rectifiers
logo
PCA ELECTRONICS INC.
EPI1L0103RL30 PCA-EPI1L0103RL30 Datasheet
61Kb / 2P
Radial Lead Power Inductor
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
Axial Lead Power Chokes
logo
API Delevan
2256R API-2256R Datasheet
1Mb / 1P
Axial Lead Power Choke
2474R API-2474R Datasheet
1Mb / 1P
Axial Lead Power Inductors
3443R API-3443R Datasheet
1Mb / 1P
Radial Lead Power Chokes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com