Electronic Components Datasheet Search
  English  ▼

X  

1884791 Datasheet (PDF) - PHOENIX CONTACT

1884791 Datasheet PDF - PHOENIX CONTACT
Part # 1884791
Download  1884791 Download
File Size   345.65 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-D2-BU30-PE-R - Contact insert

1884791 Datasheet (PDF)

Go To PDF Page Download Datasheet
1884791 Datasheet PDF - PHOENIX CONTACT

Part # 1884791
Download  1884791 Click to download

File Size   345.65 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-D2-BU30-PE-R - Contact insert

1884791 Datasheet (HTML) - PHOENIX CONTACT


1884791 Product details

Contact insert, Range of articles: VARIOCON, design: VC2, housing material: PA, number of
positions: 3, min. conductor cross section: 0.14 mm2, max. conductor cross section: 1.5 mm2,
rated voltage: 250, rated current: 10 A, Connection method: Crimp connection, Contact
connection type: Socket, Connectors may only be connected/disconnected when under no load.

Your advantages
• Pin and socket contacts can be used on both the plug and device sides
• Contact carriers have two further capacitive PE contacts
• The connection data of 250 V/10 A corresponds to that of the HEAVYCON DD series
• Contact types meet the requirements of IEC 60352/DIN EN 60352




Similar Part No. - 1884791

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
1884713W3D CMLINNOVATIVETECHNOLOGIES-1884713W3D Datasheet
155Kb / 1P
Edison Screw LED Lamp
23 Aug 16
logo
PHOENIX CONTACT
1884720 PHOENIX-1884720 Datasheet
113Kb / 5P
VC-MP-S1
logo
CML Innovative Technolo...
1884723W3D CMLINNOVATIVETECHNOLOGIES-1884723W3D Datasheet
155Kb / 1P
Edison Screw LED Lamp
23 Aug 16
logo
PHOENIX CONTACT
1884733 PHOENIX-1884733 Datasheet
113Kb / 5P
VC-MP-S2
1884746 PHOENIX-1884746 Datasheet
113Kb / 5P
VC-MP-S3
More results


Similar Description - 1884791

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1583513 PHOENIX-1583513 Datasheet
82Kb / 4P
Contact insert - VC-TFS 2-PE
1583555 PHOENIX-1583555 Datasheet
87Kb / 4P
Contact insert - VC-AMS 6-PE
1855018 PHOENIX-1855018 Datasheet
99Kb / 6P
Contact insert - VC-D1-ST15-PE
1855021 PHOENIX-1855021 Datasheet
83Kb / 3P
Contact insert - VC-D2-ST30-PE
1855063 PHOENIX-1855063 Datasheet
131Kb / 11P
Contact insert - VC-D2-BU30-PE
1855267 PHOENIX-1855267 Datasheet
48Kb / 2P
Contact insert - VC-D2-EB-PE
1855270 PHOENIX-1855270 Datasheet
48Kb / 2P
Contact insert - VC-D3-EB-PE
1884775 PHOENIX-1884775 Datasheet
104Kb / 6P
Contact insert - VC-D4-BU65-PE-R
1884788 PHOENIX-1884788 Datasheet
107Kb / 6P
Contact insert - VC-D3-BU50-PE-R
1884801 PHOENIX-1884801 Datasheet
108Kb / 6P
Contact insert - VC-D1-BU15-PE-R
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com