Electronic Components Datasheet Search
  English  ▼

X  

LA42205 Datasheet (PDF) - Sanyo Semicon Device

LA42205 Datasheet PDF - Sanyo Semicon Device
Part # LA42205
Download  LA42205 Download
File Size   84.92 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier

LA42205 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA42205 Datasheet PDF - Sanyo Semicon Device

Part # LA42205
Download  LA42205 Click to download

File Size   84.92 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier

LA42205 Datasheet (HTML) - Sanyo Semicon Device


LA42205 Product details

Overview

The LA42205 is a 5W 2-channel power amplifier IC and optimal for use as the audio output power amplifier in TV application





Functions

•5W ×2 channels (VCC= 9.5V, RL= 8Ω)

•Built-in standby function.

•Built-in mute function.

•Built-in various protection circuit (short to VCC/short to ground/load shorting/overheating).




Similar Part No. - LA42205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
3.5W AF POWER AMP
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
More results


Similar Description - LA42205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
Audio Output for TV application 5W Monaural Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com