Electronic Components Datasheet Search
  English  ▼

X  

LTC7893 Datasheet (PDF) - Analog Devices

LTC7893 Datasheet PDF - Analog Devices
Part # LTC7893
Download  LTC7893 Download
File Size   1449.61 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100V Low IQ, Synchronous Boost Controller for GaN FETs

LTC7893 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7893 Datasheet PDF - Analog Devices

Part # LTC7893
Download  LTC7893 Click to download

File Size   1449.61 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100V Low IQ, Synchronous Boost Controller for GaN FETs

LTC7893 Datasheet (HTML) - Analog Devices


LTC7893 Product details

FEATURES
 GaN Drive Technology Fully Optimized for GaN FETs
 Output Voltage Up to 100V
 Wide VIN Range: 4V to 60V and Operates Down to 1V
after Start-Up
 No Catch, Clamp, or Bootstrap Diodes Needed
 Internal Smart Bootstrap Switches Prevent
Overcharging of High-Side Driver Supply
 Resistor-Adjustable Dead Times
 Split-Output Gate Drivers for Adjustable Turn On
and Turn Off Driver Strengths
 Accurate Adjustable Driver Voltage and UVLO
 Low Operating IQ: 15μA
 Programmable Frequency (100kHz to 3MHz)
 Synchronizable Frequency (100kHz to 3MHz)
 Spread Spectrum Frequency Modulation
 28-Lead (4mm × 5mm), Side Wettable, QFN Package
 AEC-Q100 Qualified for Automotive Applications
APPLICATIONS
 Automotive and Industrial Power Systems
 Military Avionics and Medical Systems
 Telecommunications Power Systems




Similar Part No. - LTC7893

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7893 AD-LTC7893 Datasheet
1,015Kb / 50P
Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
Rev. 0; 12/24
More results


Similar Description - LTC7893

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
Low IQ, Single Boost, Dual Synchronous Buck Controller
logo
Linear Technology
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTC7891 AD-LTC7891 Datasheet
1Mb / 36P
100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
Rev. 0
LTC7890 AD-LTC7890 Datasheet
1Mb / 41P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller for GaN FETs
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com