Electronic Components Datasheet Search
  English  ▼

X  

3412472 Datasheet (PDF) - OSRAM GmbH

3412472 Datasheet PDF - OSRAM GmbH
Part # 3412472
Download  3412472 Download
File Size   391.75 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable

3412472 Datasheet (PDF)

Go To PDF Page Download Datasheet
3412472 Datasheet PDF - OSRAM GmbH

Part # 3412472
Download  3412472 Click to download

File Size   391.75 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable

3412472 Datasheet (HTML) - OSRAM GmbH


3412472 Product details

Product family features
● Supply voltage: 220…240 V
● Line frequency: 50 Hz | 60 Hz
● Line voltage: 198…264 V
● According to EN 61347-1, 61347-2-13, 62384
● RI suppression according to CISPR 15
● Line harmonics according to IEC 61000-3-2
● Immunity according to IEC 61547

Product family benefits
● Small housing for flexible luminaire designs
● Flexible current selection via DIP switch
● Reversible overtemperature, overload, short-circuit and open-circuit protection

Areas of application
● Extra small design for downlights, spotlights and other indoor luminaries
● Suitable for luminaires of protection classes I and II
● Suitable for indoor SELV installations




Similar Part No. - 3412472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34124-0 ETC2-34124-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
logo
Festo Corporation.
3412424 FESTO-3412424 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412425 FESTO-3412425 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412426 FESTO-3412426 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412427 FESTO-3412427 Datasheet
99Kb / 2P
Pinch valve
11/26/21
More results


Similar Description - 3412472

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712S MAXIC-MT9712S Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714D MAXIC-MT9714D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714S MAXIC-MT9714S Datasheet
64Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com