Electronic Components Datasheet Search
  English  ▼

X  

ADS9815 Datasheet (PDF) - Texas Instruments

ADS9815 Datasheet PDF - Texas Instruments
Part # ADS9815
Download  ADS9815 Download
File Size   2275.87 Kbytes
Page   74 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End

ADS9815 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9815 Datasheet PDF - Texas Instruments

Part # ADS9815
Download  ADS9815 Click to download

File Size   2275.87 Kbytes
Page   74 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End

ADS9815 Datasheet (HTML) - Texas Instruments


ADS9815 Product details

1 Features
• 8-channel, 18-bit ADC with analog front-end:
– Dual, simultaneous sampling: 4 × 1 channels
– Constant 1MΩ input impedance front-end
• Programmable analog input ranges:
– ±12V, ±10V, ±7V, ±5V, ±3.5V, and ±2.5V
– Single-ended and differential inputs
– ±12V common-mode voltage range
– Input overvoltage protection: Up to ±18V
• User-selectable analog input bandwidth:
– 21kHz and 400kHz
• Integrated low-drift precision references
– ADC reference: 4.096V
– 2.5V reference output for external circuits
• Excellent AC and DC performance at fullthroughput:
– DNL: ±0.5LSB, INL: ±0.8LSB
– SNR: 92dB, THD: –113dB
• Power supply:
– Analog and digital: 5V and 1.8V
– Digital interface: 1.2V to 1.8V
• Temperature range: –40°C to +125°C

2 Applications
• Parametric measurement units (PMU)
• Battery cell formation and test equipment
• Data acquisition (DAQ)

3 Description
The ADS981x is an 8-channel data acquisition (DAQ)
system based on a dual, simultaneous-sampling, 18-
bit successive approximation register (SAR) analogto-
digital converter (ADC). The ADS981x features a
complete analog front-end for each channel with an
input clamp protection circuit, 1MΩ input impedance,
and a programmable gain amplifier (PGA) with
user-selectable bandwidth options. The high input
impedance allows direct connection with sensors and
transformers, thus eliminating the need for external
driver circuits. The ADS981x can be configured to
accept unipolar or bipolar inputs with up to a ±12V
common-mode voltage.
The device also features a 4.096V reference for the
ADC and a 2.5V reference output for use with external
circuits. A digital interface supporting 1.2V to 1.8V
operation enables the ADS981x to be used without
external voltage level translators.




Similar Part No. - ADS9815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9815 TI-ADS9815 Datasheet
1Mb / 53P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED JANUARY 2023
ADS9815 TI1-ADS9815 Datasheet
1Mb / 57P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
JANUARY 2023
ADS9815 TI1-ADS9815 Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
More results


Similar Description - ADS9815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
logo
Texas Instruments
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
logo
Analog Devices
AD7606C-18 AD-AD7606C-18 Datasheet
1Mb / 75P
8-Channel DAS with 18-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
10/2020-Revision 0
logo
Texas Instruments
ADS9817 TI-ADS9817 Datasheet
1Mb / 53P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED JANUARY 2023
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
ADS9817 TI1-ADS9817_V01 Datasheet
1Mb / 57P
ADS981x 18-Bit, 8-MSPS, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
JANUARY 2023
ADS9817 TI1-ADS9817_V02 Datasheet
2Mb / 68P
ADS981x 18-Bit, 2-MSPS/Ch, Dual, Simultaneous-Sampling ADC With Integrated Analog Front-End
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com