Electronic Components Datasheet Search
  English  ▼

X  

UXA02040F2ACU00 Datasheet (PDF) - Vishay Siliconix

UXA02040F2ACU00 Datasheet PDF - Vishay Siliconix
Part # UXA02040F2ACU00
Download  UXA02040F2ACU00 Download
File Size   154.5 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Leaded Resistors

UXA02040F2ACU00 Datasheet (PDF)

Go To PDF Page Download Datasheet
UXA02040F2ACU00 Datasheet PDF - Vishay Siliconix

Part # UXA02040F2ACU00
Download  UXA02040F2ACU00 Click to download

File Size   154.5 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Leaded Resistors

UXA02040F2ACU00 Datasheet (HTML) - Vishay Siliconix


UXA02040F2ACU00 Product details

DESCRIPTION
UXA 0204, UXB 0207 and UXE 0414 high precision leaded thin film resistors combine the proven reliability of the professional products with an exceptional level of precision and stability. Therefore they are perfectly suited for applications in the fields of precision test and measuring equipment and particularly for the design of calibration references and standards.

FEATURES
• Superior thin film technology
• Exceptional low TCR: ± 02 ppm/K to ± 10 ppm/K
• Super tight tolerance: ± 0.01 % to ± 0.25 %
• Exceptional overall stability: class 0.02
• Wide resistance range: 22 Ω to 1 MΩ
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
   and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
   Substances” (RoHS) directive 2002/95/EC (issue 2004)

APPLICATIONS
• Precision test and measuring equipment
• Design of calibration references and standards





Similar Description - UXA02040F2ACU00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
Ultra Precision Leaded Resistors
08-Mar-04
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
Lead (Pb)-Free Precision Leaded Resistors
20-Sep-05
logo
Tyco Electronics
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
PRECISION METAL FILM LEADED RESISTORS
MFD ETC2-MFD Datasheet
658Kb / 1P
HIGH PRECISION metal Film Leaded Resistors
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
High Precision Metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
High Precision Thin Film Leaded Resistors
06-Oct-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com