Electronic Components Datasheet Search
  English  ▼

X  

TPS548B23 Datasheet (PDF) - Texas Instruments

TPS548B23 Datasheet PDF - Texas Instruments
Part # TPS548B23
Download  TPS548B23 Download
File Size   1288.23 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS548B23 4V to 16V Input, 20A, Remote Sense, D-CAP4, Synchronous Buck Converter

TPS548B23 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS548B23 Datasheet PDF - Texas Instruments

Part # TPS548B23
Download  TPS548B23 Click to download

File Size   1288.23 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS548B23 4V to 16V Input, 20A, Remote Sense, D-CAP4, Synchronous Buck Converter

TPS548B23 Datasheet (HTML) - Texas Instruments


TPS548B23 Product details

1 Features
• 4V to 16V input voltage range
• 3.13V to 5.3V external VCC bias support
• 10mΩ and 3.3mΩ MOSFETs (VVCC = 3.3V)
• 20A continuous output current
• Optimized 19-pin WQFN-HR package for efficiency
and thermal performance
• ±1.0% reference (VREF) for TJ = –40°C to +125°C
• 0.5V to 5.5V output voltage range
• Differential remote sense
• D-CAP4 with ultra fast load-step response
• Supports all ceramic output capacitors
• Selectable auto-skip Eco-mode for high light-load
efficiency
• Programmable valley current limit
• 600kHz, 800kHz, 1.0MHz, 1.2MHz selectable
switching frequency:
• Programmable soft-start time
• Prebiased start-up capability
• Open-drain power-good output
• Overvoltage and undervoltage fault protection
• 3mm × 3mm (0.4mm pin pitch), 19-pin QFN
package
• Pin-to-pin compatible with 12A TPS548A23 and
6A TPS548623

2 Applications
• Rack server and blade server
• Data center switches

3 Description
The TPS548B23 device is a small, high-efficiency,
synchronous buck converter with an adaptive ontime
D-CAP4 control mode. The control method
provides low minimum on-time and fast load-transient
response across the entire output voltage range
without requiring an external compensation network.
Because external compensation is not required, the
device is easy to use and requires few external
components. The device is well-designed for spaceconstrained
data center applications.
The TPS548B23 device has differential remote
sense, high-performance integrated MOSFETs, and
an accurate ±1.0% internal reference. The device
features accurate load and line regulation and Ecomode
or Forced Continous Conduction Mode (FCCM)
operation. Pinstrap options allow for configuration
of the overcurrent limit, fault response, internal or
external feedback , output voltage selection, switching
frequency, and soft-start time..
The internal 3.0V LDO can be over-driven with an
external 3.3V to 5V supply through the VCC pin to
improve efficiency and reduce power dissipation.
The TPS548B23 device is a lead-free device. The
device is RoHS compliant without exemption.




Similar Part No. - TPS548B23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548B23 TI2-TPS548B23 Datasheet
1Mb / 44P
TPS548B23 4V to 16V Input, 20A, Remote Sense Synchronous Buck Converter
REVISED OCTOBER 2025
TPS548B23 TI2-TPS548B23 Datasheet
2Mb / 90P
TPS544B28 4V to 16V Input, 20A, Remote Sense Synchronous Buck Converter With PMBus®
JANUARY 2026
TPS548B23 TI2-TPS548B23 Datasheet
2Mb / 103P
TPS544A28 4V to 16V Input, 12A, Remote Sense Synchronous Buck Converter With PMBus®
JULY 2026
TPS548B23VANR TI2-TPS548B23VANR Datasheet
1Mb / 44P
TPS548B23 4V to 16V Input, 20A, Remote Sense Synchronous Buck Converter
REVISED OCTOBER 2025
More results


Similar Description - TPS548B23

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9V101MUF-LB ROHM-BD9V101MUF-LB Datasheet
3Mb / 43P
16V to 60V, 1A 1ch 2.1MHz Synchronous Buck Converter Integrated FET
logo
Texas Instruments
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
logo
Texas Instruments
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS54KB20 TI-TPS54KB20 Datasheet
1Mb / 34P
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
MAY 2023
logo
MPS Industries, Inc.
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Texas Instruments
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com