Electronic Components Datasheet Search
  English  ▼

X  

TLV3603-EP Datasheet (PDF) - Texas Instruments

TLV3603-EP Datasheet PDF - Texas Instruments
Part # TLV3603-EP
Download  TLV3603-EP Download
File Size   1395.39 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay

TLV3603-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3603-EP Datasheet PDF - Texas Instruments

Part # TLV3603-EP
Download  TLV3603-EP Click to download

File Size   1395.39 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay

TLV3603-EP Datasheet (HTML) - Texas Instruments


TLV3603-EP Product details

1 Features
• VID: V62/24633-01XE
• Controlled baseline
– One fabrication site
– One assembly/test site
– Extended product life cycle
• Temperature range: –55°C to +125°C
• Low propagation delay: 2.5ns
• Low overdrive dispersion: 700ps
• High toggle frequency: 325MHz
• Narrow pulse width detection capability: 1.5ns
• Input common-mode range extends 200mV
beyond both rails
• Supply range: 2.4V to 5.5V
• Adjustable hysteresis control
• Output latch capability

2 Applications
• Satellite electrical power system
• Radar imaging payload
• Communications payload
• Flight control unit

3 Description
The TLV3603-EP is a 325MHz, high speed
comparator with rail-to-rail inputs and a propagation
delay of 2.5ns. The combination of fast response and
wide operating voltage range make the comparator an
excellent choice for narrow signal pulse detection and
data and clock recovery applications in radar imaging
and communications payload systems.
The push-pull (single-ended) outputs of the TLV3603-
EP simplify and save cost on board-to-board wiring
for I/O interfaces while reducing power consumption
when compared to alternative high-speed differential
output comparators. In addition, the TLV3603-EP
offers the features such as adjustable hysteresis
control and output latch capability. The comparator
can directly interface most prevailing digital controllers
and IO expanders in the downstream.
The TLV3603-EP uses a high-speed complementary
BiCMOS process and is available in a 6-pin, SOT-23
package.




Similar Part No. - TLV3603-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3603-EP TI2-TLV3603-EP Datasheet
2Mb / 45P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
More results


Similar Description - TLV3603-EP

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9000 AVAGO-HCPL-9000 Datasheet
357Kb / 14P
High Speed Digital Isolators 15 ns max. propagation delay
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
Propagation delay
logo
Texas Instruments
TLV3601 TI-TLV3601 Datasheet
796Kb / 16P
TLV3601, TLV3603 325MHz High-Speed Comparator with 2.5ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1 Datasheet
860Kb / 17P
TLV3601-Q1, TLV3603-Q1 325MHz High-Speed Comparator with 2.5ns Propagation Delay
TLV3601 TI-TLV3601_V01 Datasheet
2Mb / 29P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V01 Datasheet
2Mb / 30P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V02 Datasheet
2Mb / 32P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601 TI-TLV3601_V02 Datasheet
2Mb / 32P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601 TI-TLV3601_V03 Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com