Electronic Components Datasheet Search
  English  ▼

X  

PMEG2020EPA-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2020EPA-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2020EPA-Q
Download  PMEG2020EPA-Q Download
File Size   250.94 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 2 A low VF Schottky barrier rectifier

PMEG2020EPA-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2020EPA-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2020EPA-Q
Download  PMEG2020EPA-Q Click to download

File Size   250.94 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 2 A low VF Schottky barrier rectifier

PMEG2020EPA-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2020EPA-Q Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a SOT1061 leadless small Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 2 A
• Reverse voltage: VR ≤ 20 V
• Low forward voltage
• Exposed heat sink (cathode pad) for excellent thermal and electrical conductivity
• Leadless small SMD plastic package with medium power capability
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications
• Battery chargers for mobile equipment




Similar Part No. - PMEG2020EPA-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020EPA NEXPERIA-PMEG2020EPA Datasheet
540Kb / 15P
2 A low VF MEGA Schottky barrier rectifier
PMEG2020EPAS NEXPERIA-PMEG2020EPAS Datasheet
713Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020EPAS PHILIPS-PMEG2020EPAS_15 Datasheet
230Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG2020EPA PHILIPS-PMEG2020EPA_15 Datasheet
271Kb / 14P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 January 2010
More results


Similar Description - PMEG2020EPA-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2020CPAS PHILIPS-PMEG2020CPAS_15 Datasheet
231Kb / 15P
20 V, 2 A low VF dual MEGA Schottky barrier rectifier
20 January 2015
PMEG2020EPAS PHILIPS-PMEG2020EPAS_15 Datasheet
230Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG2020EPK PHILIPS-PMEG2020EPK_15 Datasheet
209Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
10 February 2014
logo
Nexperia B.V. All right...
PMEG2020EPK NEXPERIA-PMEG2020EPK Datasheet
701Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
20 V, 2 A low VF dual MEGA Schottky barrier rectifier
PMEG2020EPAS NEXPERIA-PMEG2020EPAS Datasheet
713Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2010BER-Q NEXPERIA-PMEG2010BER-Q Datasheet
260Kb / 13P
20 V, 1 A low Vf Schottky barrier rectifier
16 November 2022
PMEG2020EH NEXPERIA-PMEG2020EH Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG2020EJ-Q NEXPERIA-PMEG2020EJ-Q Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG2020EJ NEXPERIA-PMEG2020EJ Datasheet
181Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com