Electronic Components Datasheet Search
  English  ▼

X  

BAW56QB Datasheet (PDF) - Nexperia B.V. All rights reserved

BAW56QB Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAW56QB
Download  BAW56QB Download
File Size   243.8 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual common anode high-speed switching diode

BAW56QB Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW56QB Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAW56QB
Download  BAW56QB Click to download

File Size   243.8 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual common anode high-speed switching diode

BAW56QB Datasheet (HTML) - Nexperia B.V. All rights reserved


BAW56QB Product details

1. General description
Dual common anode high-speed switching diode encapsulated in a leadless ultra small
DFN1110D-3 (SOT8015) Surface-Mounted Device (SMD) plastic package with visible and
solderable side pads.

2. Features and benefits
• High switching speed: trr ≤ 4 ns
• Low leakage current
• Reverse voltage VR ≤ 90 V
• Low capacitance Cd ≤ 2 pF
• Ultra small SMD plastic package
• Low package height of 0.37 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint

3. Applications
• High-speed switching
• General-purpose switching




Similar Part No. - BAW56QB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAW56QB-Q NEXPERIA-BAW56QB-Q Datasheet
243Kb / 11P
Dual common anode high-speed switching diode
11 October 2024
More results


Similar Description - BAW56QB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA141WAT1 ONSEMI-M1MA141WAT1 Datasheet
46Kb / 4P
COMMON ANODE DUAL SWITCHING DIODE
July, 2004 ??Rev. 7
logo
Sanyo Semicon Device
FC807 SANYO-FC807 Datasheet
46Kb / 2P
High-Speed Switching Composite Diode Anode Common
logo
ON Semiconductor
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
Dual common anode high-speed switching diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com