Electronic Components Datasheet Search
  English  ▼

X  

PBSS5250PAS Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5250PAS Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5250PAS
Download  PBSS5250PAS Download
File Size   282.53 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 2 A PNP low VCEsat transistor

PBSS5250PAS Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5250PAS Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5250PAS
Download  PBSS5250PAS Click to download

File Size   282.53 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 2 A PNP low VCEsat transistor

PBSS5250PAS Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5250PAS Product details

1. General description
PNP low VCEsat transistor in a DFN2020D-3 (SOT1061D) leadless small Surface-Mounted Device
(SMD) plastic package.

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• Higher efficiency leading to less heat generation
• Reduced printed-circuit board requirements
• Leadless small SMD plastic package with solderable side pads
• Exposed heat sink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder joint

3. Applications
• Loadswitch
• Battery-driven devices
• Power management
• Charging circuits
• Power switches (e.g. motors, fans)




Similar Part No. - PBSS5250PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5250PAS-Q NEXPERIA-PBSS5250PAS-Q Datasheet
283Kb / 14P
50 V, 2 A PNP low VCEsat transistor
28 August 2024
More results


Similar Description - PBSS5250PAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5250X PHILIPS-PBSS5250X Datasheet
47Kb / 8P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Jun 17
PBSS5250T PHILIPS-PBSS5250T Datasheet
49Kb / 7P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
PBSS5250T PHILIPS-PBSS5250T_15 Datasheet
128Kb / 7P
PNP low VCEsat (BISS) transistor 50 V, 2 A
2003 Oct 09
PBSS5250X PHILIPS-PBSS5250X_15 Datasheet
153Kb / 9P
PNP low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250TH-Q NEXPERIA-PBSS5250TH-Q Datasheet
264Kb / 13P
50 V, 2 A PNP low VCEsat (BISS) transistor
15 March 2023
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
50 V, 3 A PNP low VCEsat transistor
16 May 2022
PBSS5250T NEXPERIA-PBSS5250T Datasheet
329Kb / 8P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
PBSS5350D NEXPERIA-PBSS5350D Datasheet
999Kb / 9P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350T NEXPERIA-PBSS5350T Datasheet
1Mb / 11P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com