Electronic Components Datasheet Search
  English  ▼

X  

APW8827 Datasheet (PDF) - Anpec Electronics Coropration

APW8827 Datasheet PDF - Anpec Electronics Coropration
Part # APW8827
Download  APW8827 Download
File Size   729.89 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 5V 1MHz Synchronous Buck Converter

APW8827 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW8827 Datasheet PDF - Anpec Electronics Coropration

Part # APW8827
Download  APW8827 Click to download

File Size   729.89 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 5V 1MHz Synchronous Buck Converter

APW8827 Datasheet (HTML) - Anpec Electronics Coropration


APW8827 Product details

Features
High Efficiency up to 95%
  - Automatic Skip/PWM Mode Operation
Integrated 75mΩ High side 65mΩ Low Side MOSFET
Stable with Low ESR Ceramic Capacitors
Power-On-Reset Detection on VIN
Integrate Soft Start and Output Discharge
Over-Temperature Protection
Over Voltage Protection
Under Voltage Protection
High/ Low Side Current Limit
Power Good Indication
Enable/Shutdown Function
Small SOT-23-6 ,TDFN2x2-8 and VTDFN2x2-8
packages
Lead Free and Green Devices Available (RoHS
compliant)

Applications
● Notebook Computer & UMPC
● LCDMonitor/TV
● Set-Top Box
● DSL, Switch HUB
● Portable Instrument

General Description
APW8827 is a 3A synchronous buck converter with integrated 75mΩ high side and 65mΩ low side power MOSFETs. The APW8827 design with a current-mode control
scheme, can convert wide input voltage of 2.9V to 5.5V to
provide excellent output voltage regulation.
The APW8827 is equipped with an automatic Skip/PWM
mode operation. At light load, the IC operates in the Skip
mode to reduce the switching losses. At heavy load, the IC
works in PWM mode.
The APW8827 is also equipped with Power-on-reset, soft
start, Output Discharge, and whole protections (under-voltage, over-voltage, over-temperature and current-limit) into
a single package.
This device, available TDFN2x2-8, VTDFN2x2-8 and SOT23-6 provide a very compact system solution external
components and PCB area




Similar Part No. - APW8827

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8820QAI-TRG ANPEC-APW8820QAI-TRG Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8820QBI-TRG ANPEC-APW8820QBI-TRG Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
Notebook PWM Controller with Differential Voltage Feedback
APW8821QBI-TRL ANPEC-APW8821QBI-TRL Datasheet
447Kb / 24P
Notebook PWM Controller with Differential Voltage Feedback
More results


Similar Description - APW8827

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
1MHz 3A Buck DC/DC Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
5A 5V 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com