Electronic Components Datasheet Search
  English  ▼

X  

PCA9641BS Datasheet (PDF) - NXP Semiconductors

PCA9641BS Datasheet PDF - NXP Semiconductors
Part # PCA9641BS
Download  PCA9641BS Download
File Size   1677.53 Kbytes
Page   55 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus master arbiter

PCA9641BS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9641BS Datasheet PDF - NXP Semiconductors

Part # PCA9641BS
Download  PCA9641BS Click to download

File Size   1677.53 Kbytes
Page   55 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-channel I2C-bus master arbiter

PCA9641BS Datasheet (HTML) - NXP Semiconductors


PCA9641BS Product details

Features and benefits
 2-to-1 bidirectional master selector
 Channel selection via I2C-bus
 I2C-bus interface logic; compatible with SMBus standards
 2 active LOW interrupt outputs to master controllers
 Active LOW reset input
 Software reset
 Four address pins allowing up to 112 different addresses
 Arbitration active when two masters try to take the downstream I2C-bus at the same
time
 The winning master controls the downstream bus until it is done, as long as it is within
the reserve time
 Bus time-out after 100 ms on an inactive downstream I2C-bus (optional)
 Readable device ID (manufacturer, device type, and revision)
 Bus initialization/recovery function
 Low Ron switches
 Allows voltage level translation between 1.8 V, 2.3 V, 2.5 V, 3.3 V and 3.6 V buses
 No glitch on power-up
 Supports hot insertion
 Software identical for both masters
 Operating power supply voltage range of 2.3 V to 3.6 V
 All I/O pins are 3.6 V tolerant
 Up to 1 MHz clock frequency
 ESD protection exceeds 6000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 Packages offered: TSSOP16, HVQFN16
Applications
 High reliability systems with dual masters
 Gatekeeper multiplexer on long single bus
 Bus initialization/recovery for slave devices without hardware reset
 Allows masters without arbitration logic to share resources




Similar Part No. - PCA9641BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
PCA9646 NXP-PCA9646 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9646D NXP-PCA9646D Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
PCA9646PW NXP-PCA9646PW Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
More results


Similar Description - PCA9641BS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
123Kb / 15P
CMOS Bus Arbiter
March 1997
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
2 Channel I2C bus switch
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
CMOS Bus Arbiter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com