Electronic Components Datasheet Search
  English  ▼

X  

NTB0104 Datasheet (PDF) - NXP Semiconductors

NTB0104 Datasheet PDF - NXP Semiconductors
Part # NTB0104_V01
Download  NTB0104 Download
File Size   432.55 Kbytes
Page   35 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual supply translating transceiver; auto direction sensing; 3-state

NTB0104 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTB0104 Datasheet PDF - NXP Semiconductors

Part # NTB0104_V01
Download  NTB0104 Click to download

File Size   432.55 Kbytes
Page   35 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual supply translating transceiver; auto direction sensing; 3-state

NTB0104 Datasheet (HTML) - NXP Semiconductors


NTB0104 Product details

2 Features and benefits
• Wide supply voltage range:
– VCC(A): 1.2 V to 3.6 V and VCC(B): 1.65 V to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
– HBM JESD22-A114E Class 2 exceeds 2500 V for A port
– HBM JESD22-A114E Class 3B exceeds 15000 V for B port
– MM JESD22-A115-A exceeds 200 V
– CDM JESD22-C101E exceeds 1500 V (For NTB0104UK 1000 V)
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - NTB0104_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
NTB0104BQ NXP-NTB0104BQ Datasheet
905Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-26 October 2010
NTB0104BQ-Q100 NXP-NTB0104BQ-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
NTB0104D NXP-NTB0104D Datasheet
905Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-26 October 2010
NTB0104GU12 NXP-NTB0104GU12 Datasheet
905Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-26 October 2010
More results


Similar Description - NTB0104_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com