Electronic Components Datasheet Search
  English  ▼

X  

IDTVS512 Datasheet (PDF) - Integrated Device Technology

IDTVS512 Datasheet PDF - Integrated Device Technology
Part # IDTVS512
Download  IDTVS512 Download
File Size   142.03 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT

IDTVS512 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTVS512 Datasheet PDF - Integrated Device Technology

Part # IDTVS512
Download  IDTVS512 Click to download

File Size   142.03 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT

IDTVS512 Datasheet (HTML) - Integrated Device Technology


IDTVS512 Product details

General Description
The IDTVS512 is a bi-directional 5-Port 2:1 multiplexer/demultiplexer with Hi-Z outputs for both RGB and composite video switching applications. With the additional two ports, vertical and horizontal synchronous signals can be switched in addition to switching the RGB and composite signals between different components (DVDs, VCRs, PCs, etc.). The VideoSwitch can be driven from a current output RAMDAC or voltage output composite video source.
Low on-resistance, low crosstalk, low OFF isolation and wide bandwidth features make it ideal for video and other applications. The IDTVS512 offers a high-performance (600 MHz), low-cost solution to switch between video sources.

Features
• RON is 4Ω typical
• Bidirectional switch
• Low bit-to-bit skew: 200ps
• Low crosstalk: -65dB @ 10MHz
• Near-Zero propagation delay: 250ps
• Fast switching speed: 9ns
• Channel On-Capacitance: 6pF (typical)
• 8KV ESD HBM on connector side
• Wide bandwidth (600 MHz)
• Available in QSOP package

Applications
• Projection TV and LCD TV
• Video consumer applications
• Analog video signal routing




Similar Part No. - IDTVS512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG IDT-IDTVS330DCG Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330DCG8 IDT-IDTVS330DCG8 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG IDT-IDTVS330QG Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
IDTVS330QG8 IDT-IDTVS330QG8 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
More results


Similar Description - IDTVS512

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Burr-Brown (TI)
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
Wide Bandwidth SIGNAL MULTIPLIER
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
Dual 4:1 Wide Bandwidth Video Switch
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
09-Sep-2005
STMAV335 STMICROELECTRONICS-STMAV335 Datasheet
1Mb / 21P
Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
23-Jan-2006
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com