Electronic Components Datasheet Search
  English  ▼

X  

BFO00H9 Datasheet (PDF) - Balluff Korea Ltd.

BFO00H9 Datasheet PDF - Balluff Korea Ltd.
Part # BFO00H9
Download  BFO00H9 Download
File Size   92.64 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Reflectors, Fibers, Optics

BFO00H9 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFO00H9 Datasheet PDF - Balluff Korea Ltd.

Part # BFO00H9
Download  BFO00H9 Click to download

File Size   92.64 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Reflectors, Fibers, Optics

BFO00H9 Datasheet (HTML) - Balluff Korea Ltd.


BFO00H9 Product details

BFO D10-XA-HB-EAK-10-03

Basic features
Additional features End ferrule Ø 1.5 mm may be bent,
bending radius ≥10 mm
Basic standard IEC 60947-5-2
Reference base unit BFB 75K-001-..
Use for fiber optic base units BFB
Version M4, bendable tip




Similar Part No. - BFO00H9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFO00H0 BALLUFF-BFO00H0 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00H3 BALLUFF-BFO00H3 Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
2024-05-31
BFO00H4 BALLUFF-BFO00H4 Datasheet
100Kb / 1P
Reflectors, Fibers, Optics
1.1_2021-04-01
BFO00H5 BALLUFF-BFO00H5 Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00H6 BALLUFF-BFO00H6 Datasheet
90Kb / 1P
Reflectors, Fibers, Optics
0.24_2021-12-02
More results


Similar Description - BFO00H9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com