Electronic Components Datasheet Search
  English  ▼

X  

MM5Z20VT1 Datasheet (PDF) - ON Semiconductor

MM5Z20VT1 Datasheet PDF - ON Semiconductor
Part # MM5Z20VT1
Download  MM5Z20VT1 Download
File Size   284.98 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP

MM5Z20VT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM5Z20VT1 Datasheet PDF - ON Semiconductor

Part # MM5Z20VT1
Download  MM5Z20VT1 Click to download

File Size   284.98 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP

MM5Z20VT1 Datasheet (HTML) - ON Semiconductor


MM5Z20VT1 Product details

Features
 Support for MCU Less Application
 Integrated Derating Mechanisms
 Fixed Switching Frequency at 400 kHz
 Input Operating Range from 5 V – 21 V
 Warm Start Management below 9 V
 Withstands Load Dump up to 45 V
 Output Voltage Range up to 60 V
 External Programmable Current 200 mA − 1500 mA
 Pulse Width Modulation from 80 Hz to 600 Hz
 LED Current Dimming Frequency 400 Hz
 External NTC / PTC for LED−temperature
 Spread Spectrum
 Status and Error Mode Handling
 AEC−Q100 Qualified and PPAP Capable
Typical Application
 Fog Lamp
 Cornering Light
 Logo Projection
 Logo Lighting




Similar Part No. - MM5Z20VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z20VT1 ONSEMI-MM5Z20VT1 Datasheet
49Kb / 4P
Zener Voltage Regulators
July, 2004 ??Rev. 2
MM5Z20VT1 ONSEMI-MM5Z20VT1 Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
Zener Voltage Regulators 300 mW SOD??23 Surface Mount
April, 2013 ??Rev. 10
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
Zener Voltage Regulators
April, 2013 ??Rev. 10
More results


Similar Description - MM5Z20VT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33186 MOTOROLA-MC33186 Datasheet
858Kb / 12P
Automotive H-Bridge Driver
MPC17511 MOTOROLA-MPC17511 Datasheet
1Mb / 10P
1 Channel H-Bridge Driver IC
logo
NEC
UPD16886 NEC-UPD16886 Datasheet
137Kb / 16P
MONOLITHIC 1.5-CHANNEL H BRIDGE DRIVER CIRCUIT FOR CAMERAS
logo
Texas Instruments
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
logo
Rohm
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
Automotive 1ch H Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Texas Instruments
DRV8873-Q1 TI1-DRV8873-Q1 Datasheet
170Kb / 8P
Automotive H-Bridge Motor Driver
DRV8873-Q1 TI1-DRV8873-Q1_18 Datasheet
173Kb / 8P
Automotive H-Bridge Motor Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com