Electronic Components Datasheet Search
  English  ▼

X  

IW612 Datasheet (PDF) - NXP Semiconductors

IW612 Datasheet PDF - NXP Semiconductors
Part # IW612
Download  IW612 Download
File Size   1442.16 Kbytes
Page   119 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1x1 Dual-band Wi-Fi 6, Bluetooth 5.4 and 802.15.4 Tri-radio Solution

IW612 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW612 Datasheet PDF - NXP Semiconductors

Part # IW612
Download  IW612 Click to download

File Size   1442.16 Kbytes
Page   119 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1x1 Dual-band Wi-Fi 6, Bluetooth 5.4 and 802.15.4 Tri-radio Solution

IW612 Datasheet (HTML) - NXP Semiconductors


IW612 Product details

1.2 Wi-Fi key features
• IEEE 802.11a/b/g/n/ac/ax, 1x1 SISO 2.4 GHz and 5 GHz, up to 80 MHz channel bandwidth
• Peak data rates up to 480 Mbps
• Integrated high power PA up to +21 dBm transmit power
• Integrated LNA and T/R switches
• UL/DL OFDMA, UL/DL MU-MIMO (station only)
• 802.11ax TWT (station only)
• 802.11ax ER, DCM
• WPA2 and WPA3 personal and enterprise security
• Support for Matter over Wi-Fi
• Simultaneous receive with Bluetooth and 802.15.4
• Antenna diversity
1.3 Bluetooth key features
• Supports Bluetooth 5.2 (Class 1/Class 2) and Bluetooth Low Energy features
• Bluetooth 5.4 certified
• Integrated high power PA up to +19 dBm transmit power for Bluetooth LE and BDR1 ,2 ,3
• Integrated high power PA up to +10 dBm transmit power for EDR
• BDR/EDR packet types—1 Mbps (GFSK), 2 Mbps ( /4-DQPSK), 3 Mbps (8DPSK)
• Bluetooth LE long range (125/500 kbps) support
• Bluetooth LE 2 Mbps
• Bluetooth LE advertising extensions for improved capacity
• Isochronous channels (ISOC) supporting LE Audio and Auracast™ Broadcast Audio
• Shared TX/RX pin with 802.15.4
• Simultaneous receive with Wi-Fi and 802.15.4
1.4 802.15.4 key features
• IEEE 802.15.4-2020 compliant supporting Thread and Zigbee in 2.4 GHz band
• Integrated high power PA up to +21 dBm transmit power
• Shared TX/RX pin with Bluetooth
• Simultaneous receive with Wi-Fi and Bluetooth
• MAC accelerator with packet formatting, CRCs, address check, auto-acks, timers
1.6 Operating characteristics
• Supply voltage: 1.8V and 3.3V
• Operating temperature
– Commercial: 0 to 70°C
– Industrial: -40 to 85°C
• Storage temperature: -55 to 125°C
1.7 General features
• Package options
– HVQFN116 (dual-row) 9 mm x 9 mm x 0.85 mm with 0.5 mm pitch
– WLCSP140 4.385 mm x 4.96 mm x 0.455 mm with 0.3 mm pitch
• Simultaneous Wi-Fi, Bluetooth and 802.15.4 receive
– Single and dual antenna configurations supported
• Simultaneous Wi-Fi, Bluetooth/802.15.4 transmit
– Dual antenna configuration supported
• Coexistence
– Internal coexistence between Wi-Fi, Bluetooth and 802.15.4
– External coexistence interface for connection to external radios such as LTE
• Power management
– Efficient power management system
– Deep-sleep low-power mode
– Integrated high-efficiency buck DC-DC converter
– Wake-up through GPIO, host interface, and RTC
• One Time Programmable (OTP) memory to store the MAC address and calibration data
• Security
– Hardware root of trust
– Authenticated and secured boot
– OTP-based life-cycle state support




Similar Part No. - IW612

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IW610 NXP-IW610 Datasheet
1Mb / 107P
1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family
Rev. 7.0 5 December 2024
IW610B NXP-IW610B Datasheet
1Mb / 107P
1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family
Rev. 7.0 5 December 2024
IW610C NXP-IW610C Datasheet
1Mb / 107P
1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family
Rev. 7.0 5 December 2024
IW610F NXP-IW610F Datasheet
1Mb / 107P
1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family
Rev. 7.0 5 December 2024
IW610G NXP-IW610G Datasheet
1Mb / 107P
1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family
Rev. 7.0 5 December 2024
More results


Similar Description - IW612

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
NXP Semiconductors
88W8987-SDS NXP-88W8987-SDS Datasheet
1Mb / 88P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 2-21 May 2021
88W8801-SDS NXP-88W8801-SDS Datasheet
674Kb / 57P
2.4 GHz Single-band 1x1 Wi-Fi 4 Solution
Rev. 2-14 December 2020
88W8977-SDS NXP-88W8977-SDS Datasheet
945Kb / 81P
2.4 GHz/5 GHz Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2Combo SoC
Rev. 3-13 May 2021
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
88W8987-SDS NXP-88W8987-SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev.3-15 September2021
88W8987_SDS NXP-88W8987_SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 4?? May 2022
88W8987_SDS NXP-88W8987_SDS_V02 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 5 - 11 November 2022
88W8987_SDS NXP-88W8987_SDS_V03 Datasheet
1Mb / 91P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 6 - 2 December 2022
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com