Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GT Datasheet (PDF) - Infineon Technologies AG

S70GL02GT Datasheet PDF - Infineon Technologies AG
Part # S70GL02GT
Download  S70GL02GT Download
File Size   315.06 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V

S70GL02GT Datasheet (PDF)

Go To PDF Page Download Datasheet
S70GL02GT Datasheet PDF - Infineon Technologies AG

Part # S70GL02GT
Download  S70GL02GT Click to download

File Size   315.06 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V

S70GL02GT Datasheet (HTML) - Infineon Technologies AG


S70GL02GT Product details

Features
• CMOS 3.0 V core with versatile I/O
• Two 1024 Mb (S29GL01GT) in a single 64-ball fortified-BGA package (see the S29GL01GT datasheet for full
specifications)
• 45 nm MIRRORBIT™ process technology
• Single supply (VCC) for read/program/erase (2.7 V to 3.6 V)
• Versatile I/O feature
- Wide I/O voltage (VIO): 1.65 V to VCC
• ×8 and ×16 data bus
• 16-word/32-byte page read buffer
• 512-byte programming buffer
- Programming in page multiples, up to a maximum of 512 bytes
• Sector erase
- Uniform 128-KB sectors
- S70GL02GT: 2048 sectors
• Suspend and Resume commands for program and erase operations
• Status Register, data polling, and ready/busy pin methods to determine device status
• Advanced sector protection (ASP)
- Volatile and non-volatile protection methods for each sector
• Separate 1024-bye one time program (OTP) array with two lockable regions
- Each device supports common flash interface (CFI)
• WP# input
- Protects the last sector of the device, regardless of sector protection settings
• Temperature range/grade
- Industrial (–40°C to +85°C)
- Industrial Plus (–40°C to +105°C)
- Automotive, AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive, AEC-Q100 grade 2 (–40°C to +105°C)
• 100,000 program-erase cycles
• 20-year data retention
• Packaging options
- 64-ball LSH fortified BGA, 13 mm × 11 mm




Similar Part No. - S70GL02GT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
2-Gbit (256-Mbyte) 3.0V Flash Memory
More results


Similar Description - S70GL02GT

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
MirrorBit Flash Family
S29WS-P SPANSION-S29WS-P Datasheet
1Mb / 89P
512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
MirrorBit Flash Family
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
logo
Cypress Semiconductor
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
S79FL256S CYPRESS-S79FL256S Datasheet
2Mb / 111P
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com