Electronic Components Datasheet Search
  English  ▼

X  

1709930 Datasheet (PDF) - PHOENIX CONTACT

1709930 Datasheet PDF - PHOENIX CONTACT
Part # 1709930
Download  1709930 Download
File Size   486.82 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFMC 1,5/15-STF-3,5 BK AU - PCB connector

1709930 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709930 Datasheet PDF - PHOENIX CONTACT

Part # 1709930
Download  1709930 Click to download

File Size   486.82 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFMC 1,5/15-STF-3,5 BK AU - PCB connector

1709930 Datasheet (HTML) - PHOENIX CONTACT


1709930 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Socket, number of potentials: 30,
number of rows: 2, number of positions: 15, number of connections: 30, product range: DFMC
1,5/..-STF, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON DFMC 1,5, locking: Screw locking
mechanism, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Screwable flange for superior mechanical stability
• Operation and conductor connection from one direction enable integration into front of device




Similar Part No. - 1709930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709908 PHOENIX-1709908 Datasheet
49Kb / 3P
Printed-circuit board connector - MCC 1/ 7-STZ-3,81 CRWH
1709929 PHOENIX-1709929 Datasheet
425Kb / 12P
DFMC 1,5/ 2-STF-3,5 BK AU - PCB connector
More results


Similar Description - 1709930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708595 PHOENIX-1708595 Datasheet
42Kb / 2P
DFMC 1,5/ 2-STF-3,5 BK
1790292 PHOENIX-1790292 Datasheet
94Kb / 4P
DFMC 1,5/ 2-STF-3,5
1790302 PHOENIX-1790302 Datasheet
94Kb / 4P
DFMC 1,5/ 3-STF-3,5
1790328 PHOENIX-1790328 Datasheet
94Kb / 4P
DFMC 1,5/ 5-STF-3,5
1790438 PHOENIX-1790438 Datasheet
985Kb / 13P
DFMC 1,5/16-STF-3,5
1708329 PHOENIX-1708329 Datasheet
62Kb / 2P
DFMC 1,5/ 3-ST-3,5 BK
1790386 PHOENIX-1790386 Datasheet
94Kb / 4P
DFMC 1,5/11-STF-3,5
1790425 PHOENIX-1790425 Datasheet
150Kb / 10P
Printed-circuit board connector - DFMC 1,5/15-STF-3,5
09/12/2020
1790344 PHOENIX-1790344 Datasheet
653Kb / 15P
PCB connector - DFMC 1,5/ 7-STF-3,5
Jan 10, 2023
1940224 PHOENIX-1940224 Datasheet
558Kb / 15P
FK-MCP 1,5/15-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com